Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TODX270 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TODX270
Description  Fiber-Optic Devices Toslink
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TODX270 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TODX270 Datasheet HTML 5Page - Toshiba Semiconductor TODX270 Datasheet HTML 6Page - Toshiba Semiconductor TODX270 Datasheet HTML 7Page - Toshiba Semiconductor TODX270 Datasheet HTML 8Page - Toshiba Semiconductor TODX270 Datasheet HTML 9Page - Toshiba Semiconductor TODX270 Datasheet HTML 10Page - Toshiba Semiconductor TODX270 Datasheet HTML 11Page - Toshiba Semiconductor TODX270 Datasheet HTML 12Page - Toshiba Semiconductor TODX270 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
External appearances of optical fiberless
modules TOTX1500 and TORX1500
The use of TOTX1500 and TORX1500 OFL modules in notebook PCs, DV cameras and high-performance
PDAs enables high-speed data transmission between devices.
Optical Fiberless Modules
Optical fiberless modules are used for high-speed data transmission and do not require optical fiber
cables; hence, they are called optical fiberless (OFL) modules. Just like TOSLINK devices (which do
require optical-fiber cables), these devices incorporate an on-chip transmission IC which drives an
LED, and an on-chip receiving IC with a waveform-reshaping function. As a result, it is easy to con-
nect OFL modules to peripheral ICs.
Main Specifications of the TOTX1500 and TORX1500
Data rate: 20 to 125 Mb/s (NRZ code)
Transmission distance: 3 cm (max)
Center wavelength: 870 nm
Operating temperature: 0
°C to 60°C
On-chip transmitting and receiving IC
Supply voltage: 3.3 V
± 0.3 V
PECL interface
OFL application
TOTX1500
TORX1500
High-end laptop
Interface station
Optical fiberless
communications
OFL
Notebook PC
DV camera
TV
DV station
Docking station
Connection to PC
Docking cradle
PDA
Optical fiberless communications
OFL
Optical fiberless communications
OFL
Optical fiberless
communications
OFL
Optical fiberless modules (TOTX1500 and TORX1500)
New
Products


Similar Part No. - TODX270

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TODX270 TOSHIBA-TODX270 Datasheet
174Kb / 9P
   FIBER OPTIC TRANSCEIVING MODULE
More results

Similar Description - TODX270

ManufacturerPart #DatasheetDescription
logo
NEC
OD-8317 NEC-OD-8317 Datasheet
88Kb / 2P
   FIBER OPTIC DEVICES
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com