Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TODX270 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TODX270
Description  Fiber-Optic Devices Toslink
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TODX270 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TODX270 Datasheet HTML 6Page - Toshiba Semiconductor TODX270 Datasheet HTML 7Page - Toshiba Semiconductor TODX270 Datasheet HTML 8Page - Toshiba Semiconductor TODX270 Datasheet HTML 9Page - Toshiba Semiconductor TODX270 Datasheet HTML 10Page - Toshiba Semiconductor TODX270 Datasheet HTML 11Page - Toshiba Semiconductor TODX270 Datasheet HTML 12Page - Toshiba Semiconductor TODX270 Datasheet HTML 13Page - Toshiba Semiconductor TODX270 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Optical Modules for Digital Audio
Connection method
Optical module packages for digital audio
The digital audio TOSLINK is an optical module capable of
transferring digital audio interface signals.
The interface level and fiber-optic connector configuration
conform to the JEITA standards CP-1201 and RC-5720
respectively. This module is therefore ideal for use in a wide
variety of fields ranging from audio equipment such as CD, MD
and DVD players to sound applications for personal computers
and computer entertainment systems.
The digital audio TOSLINK comes in a standard package (panel
mount type), a medium-sized package (for PC sound cards) and
a mini-package (for portable devices). Choose the package which
is most suitable for your application.
The diagram shows the TOTX179 and TORX179 optical module
connections for general audio applications.
Please connect a bypass capacitor to the optical transmitting
module TOTX179 and a capacitor and inductor noise filter to the
optical receiving module TORX179.
Since the optical transmitting module TORX179 incorporates a
resistor for supplying current to the LED driver, no external resistors
are required.
Products with different packages, such as the TOTX179S and the
TORX179P, can also be connected and used in the same way.
Optical Modules with Shutter TOTX141L, TOTX141PL, TORX141L, and TORX141PL
The TOTX141L is a panel mount optical transmission module with
shutter, which can operate at a data rate of up to 15 Mb/s. Also, the
TOTX141PL is an optical transmission module with shutter, which can
operate at a data rate of up to 15 Mb/s. It is housed in a mini package.
The TORX141L is a panel mount optical receiving module with shutter,
is an optical receiving module with shutter, which can operate at a
data rate of up to 15 Mb/s. It is housed in a mini package.
The TOTX141L, TOTX141PL, TORX141L and TORX141PL can operate
at 3-V supply voltage.
Operating at a data rate of 15 Mb/s allows the modules to be used in
digital audio equipment such as DVD players, which uses a sampling
frequency of 96 kHz, as well as the conventional audio application,
such as CD players and mini disc players.
Since these modules conform to the JEITA digital audio interface
standard, they can be combined with existing digital audio TOSLINK
products.
Toshiba also provides the optical transmission modules TOTX179L
and TOTX179PL, and the optical receiving modules TORX179L and
TORX179PL. These modules operate at 5-V supply voltage.
How to connect the TOTX179/TORX179
External appearances
of TOTX141L/141PL and TORX141L/141PL
Standard package
Medium-sized
package
Mini-package
TOTX141L TORX141PL
TOTX141L
TORX141PL
VCC
GND
Output
32
1
Optical
Receiving
Module
Fiber optic connector
inserted here
(View from below)
TORX179
C
L
Input
VCC
GND
32
1
Optical
Transmitting
Module
Fiber-optic
connector jack
(View from below)
TOTX179
0.1
µF
C: 0.1
µF
(multi-layer ceramic
capacitor)
L: 47
µH
Loss than
7 mm
New
Products


Similar Part No. - TODX270

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TODX270 TOSHIBA-TODX270 Datasheet
174Kb / 9P
   FIBER OPTIC TRANSCEIVING MODULE
More results

Similar Description - TODX270

ManufacturerPart #DatasheetDescription
logo
NEC
OD-8317 NEC-OD-8317 Datasheet
88Kb / 2P
   FIBER OPTIC DEVICES
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com