Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOCP200K Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TOCP200K
Description  Fiber-Optic Devices Toslink
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOCP200K Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TOCP200K Datasheet HTML 1Page - Toshiba Semiconductor TOCP200K Datasheet HTML 2Page - Toshiba Semiconductor TOCP200K Datasheet HTML 3Page - Toshiba Semiconductor TOCP200K Datasheet HTML 4Page - Toshiba Semiconductor TOCP200K Datasheet HTML 5Page - Toshiba Semiconductor TOCP200K Datasheet HTML 6Page - Toshiba Semiconductor TOCP200K Datasheet HTML 7Page - Toshiba Semiconductor TOCP200K Datasheet HTML 8Page - Toshiba Semiconductor TOCP200K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Note: TOSLINK is a trademark of Toshiba Corp.
Raytela is a trademark of Toray Industries Inc.
Eska Premier is a trademark of Mitubishi Rayon Co. Ltd.
Sumiguide is a trademark of Sumitomo Electronic Industries Ltd.
TOSLINKTM is a data transmission device which uses optical
signals instead of electrical signals.
Its principal features are as follows:
Electromagnetic noise has no effect on the transmission line.
The transmission line does not radiate any electromagnetic
noise.
The device is as easy to handle as like a digital IC, and
connector assembly is easy.
Comparison of TOSLINK and photocoupler
TOSLINKTM Optical Transmission Device
The function ability of TOSLINK is similar to that of a photocoupler.
A photocoupler has light-emitting and light-receiving devices in one package.
It is used to transmit electrical signals in a circuit, for a very short distane.
TOSLINK can be imagined as follows: separate the emitting device from the
receiving device in the center of a photocoupler, then re-connect the two
devices using a long optical fiber cable.
Because optical fiber is used as the transmission line, it is possible to transmit
signals over long distances while isolating them using TOSLINK.
As a result, TOSLINK is also sometimes referred to as a long-distance
photocoupler.
Comparison of TOSLINK and photocoupler
Electrical and optical transmission system
Electrical data transmission systems consist of the following devices: a line driver
and line receiver to amplify electrical signals, a twisted-pair (or coaxial) cable as
the transmission line and electrical connectors linking the line driver and line
receiver to the electrical cable.
By contrast, TOSLINK consist of the following devices: a transmitting module
which converts electrical signals into optical ones, a receiving module which
reconverts optical signals into electrical ones, optical fiber cable as the
transmission line and optical connectors to link the transmitting and receiving
modules to the optical fiber cable.
In TOSLINK, a transmitting IC (LED driver) and LED are included in the
transmitting module, and a receiving IC (waveform-reshaping circuit) and
photodiode are included in the receiving module. The interface between
transmitting and receiving ICs is at the transistor-transistor logic (TTL) or emitter
coupled logic (ECL) levels. Because of this it is easy to make connections with
the other circuits.
Data transmission system
(a) Data transmission by electrical wire
Electrical input signal
Line
Driver
Twisted
pair
or coaxial
cable
Electrical
connector
Electrical output signal
Line
Receiver
Electrical
connector
(b) Data transmission using fiber-optic cables
Electrical input signal
Transmitting
Module
Transmitting
Circuit
Optical fiber
E/O converter
LED
Receiving
Circuit
Photodiode
O/E converter
Fiber-optic link
Fiber-optic
connector
Electrical output signal
Receiving
Module
Fiber-optic
connector
VCC
VCC
Output
Input
(a)Photocoupler
VCC
VCC
Output
Input
(b)TOSLINK
Optical fiber
Optical transmitting module
Optical receiving module


Similar Part No. - TOCP200K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOCP200 TOSHIBA-TOCP200 Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
TOCP200P TOSHIBA-TOCP200P Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
TOCP200Q TOSHIBA-TOCP200Q Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
TOCP200X TOSHIBA-TOCP200X Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
More results

Similar Description - TOCP200K

ManufacturerPart #DatasheetDescription
logo
NEC
OD-8317 NEC-OD-8317 Datasheet
88Kb / 2P
   FIBER OPTIC DEVICES
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com