Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3051VM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MOC3051VM
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3051VM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MOC3051VM Datasheet HTML 3Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 4Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 5Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 6Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 7Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 8Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 9Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 10Page - Fairchild Semiconductor MOC3051VM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
6/15/05
Page 10 of 11
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVERS
(600 VOLT PEAK)
MOC3051-M
MOC3052-M
Reflow Profile (White Package, -M Suffix)
Carrier Tape Specifications
4.0
± 0.1
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
11.5
± 1.0
24.0
± 0.3
12.0
± 0.1
0.30
± 0.05
21.0
± 0.1
4.5
± 0.20
0.1 MAX
10.1
± 0.20
9.1
± 0.20
Ø1.5
± 0.1/-0
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
°C
Time (s)
0
60
180
120
270
260
°C
>245
°C = 42 Sec
Time above
183
°C = 90 Sec
360
1.822
°C/Sec Ramp up rate
33 Sec


Similar Part No. - MOC3051VM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3051VM ONSEMI-MOC3051VM Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051VM ONSEMI-MOC3051VM Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
More results

Similar Description - MOC3051VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com