Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R10S-E2X2DC Datasheet(PDF) 4 Page - Tyco Electronics

Part # R10S-E2X2DC
Description  General Purpose Relays Industrial Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

R10S-E2X2DC Datasheet(HTML) 4 Page - Tyco Electronics

  R10S-E2X2DC Datasheet HTML 1Page - Tyco Electronics R10S-E2X2DC Datasheet HTML 2Page - Tyco Electronics R10S-E2X2DC Datasheet HTML 3Page - Tyco Electronics R10S-E2X2DC Datasheet HTML 4Page - Tyco Electronics R10S-E2X2DC Datasheet HTML 5Page - Tyco Electronics R10S-E2X2DC Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
Other Data (continued)
Terminal type
Solder/plug-in terminals, PCB-THT,
8- or 11-PIN octal type plug
Weight
23 to 40g
Packaging/unit
tray/50 pcs., box/350pcs.
Accessories
For details see datasheet
Sockets and Accessories, R10 Relays
Product Code Description
Many versions of sockets and clips available.
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1000Vrms
between adjacent contacts
1000Vrms
Initial insulation resistance
between insulated elements
10GΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-55ºC to 75ºC
Category of environmental protection
IEC 61810
RTI - dust protected and RTIII - wash tight
Terminal dimensions
Solder terminal dimensions
Printed circuit terminal dimensions
Terminal assignment
R10 - AC Coil Diagram
Dimensions
.735 MAX.
(18.67)
1.187 MAX .
(30.15)
R10S: 1.50 MAX.
(38.1)
.406
(10.31)
.135
(3.43)
.210
(5.33)
3-48THREAD
NIB .091 DIA. x .020 HIGH
(2.31) (.51)
} TYPE E1 ONLY
.354
(8.99)
#6-32
THREAD
.375
(9.53)
.171
(4.43)
.156
(3.96)
CASE R ONLY
Recommend tape tab
be removed after
immersion cleaning
and before relay is put
in service. Peel off to
permit proper relay
ventilation.
2 POLE .950 MAX.
(24.13, 2 POLE 1R10)
4 POLE 1.165 MAX.
(29.59, 4 POLE 1R10)
6 POLE 1.375 MAX.
(34.93)
8 POLE 1.580 MAX.
(40.13)
.437
(11.10)
.59 REF.
(15.0)
STUD ON NARR OW
SIDE ONLY
CASE E
ONLY
TYPE E6 ONLY
.085 MAX.
(2.16)
TYPE E6 ONLY
.012
(.30)
.040
(1.02)
.090
(2.29)
.080
(2.03)
D
(TO TOP OF CASE)
B
A
C
A
B
C
D
Arrang.
Type 2
.131
.050
.064
1.251
Inline
Type 7
.131
.040
.013
1.20
Inline
Type 9
.170
.040
.000
1.187
Staggered
Thickness
.012
.012
.012
.013
–––
26
27
14
1 POLE
8
9
5
10
6
7
4 3 2
1
2 POLE
8
9
5
10
6
7
4 3 2
1
3 POLE
4 3 2
1
4 POLE
4 3 2
1
14
15
8
16
9
10
11
12
5
13
6
7
14
15
8
16
9
10
11
12
5
13
6
7
6 POLE
4 3 2
1
19
9
10
20
21
11
14
15
5
17
18
8
8 POLE
4 3 2
1
22
12
13
16
6
7
22
9
10
23
24
11
17
18
5
20
21
8
25
12
13
19
6
7
28
15
16
DUAL
COIL


Similar Part No. - R10S-E2X2DC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
R10S-E2Y1-J10K MACOM-R10S-E2Y1-J10K Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results

Similar Description - R10S-E2X2DC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
   General Purpose Relays Industrial Relays
Rev. 0522
RMC TEC-RMC Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com