Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337FXM010M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337FXM010M
Description  105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337FXM010M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337FXM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337FXM010M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337FXM010M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
51
®
FXM
PHYSICAL DIMENSIONS
+105°C Radial Low
Profile Aluminum
Electrolytic Capacitors
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
WVDC
(SV)
(µF)
Note: Case Vent is standard on all diameters
≥ 8.0 mm.
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
Convert to inches, divide by 25.4
LEAD INFORMATION V.S. CASE DIAMETER
L1=L+1.5mm Max. L
≤20mm
L1=L+2mm Max. L>20mm
D1=D+B Max.
S1=S±0.5 Max.
DxL(mm)
6.3
10
16
25
35
50
63
100
160
200
250
400
(7.9)
(13)
(20)
(32)
(44)
(63)
(79)
(125)
(200)
(250)
(300)
(450)
0.1
5x9
5x9
0.22
5x9
5x9
0.33
5x9
5x9
0.47
5x9
5x9
1
5x9
5x9
2.2
5x9
5x9
3.3
5x9
5x9
4.7
5x9
5x9
10
5x9
5x9
6.3x9
16x15
22
5x9
6.3x9
8x9
16x15
18x15
33
5x9
6.3x9
6.3x9
10x9
16x15
18x15
18x20
47
5x9
6.3x9
6.3x9
8x9
10x12.5
16x15
18x15
18x20
18x25
68
18x15
18x20
18x20
100
5x9
6.3x9
6.3x9
8x9
10x9
10x12.5
12.5x15
18x20
18x25
18x25
150
18x25
18x25
220
6.3x9
6.3x9
8x9
10x9
10x9
10x12.5
12.5x12.5
16x15
330
6.3x9
8x9
10x9
10x9
10x12.5
12.5x12.5
12.5x15
18x20
470
8x9
8x9
10x9
10x12.5
12.5x12.5
16x15
18x15
18x25
1000
10x9
10x12.5
12.5x12.5
12.5x15
16x15
18x20
18x25
2200
12.5x15
12.5x15
16x15
18x15
18x20
3300
16x15
16x15
18x15
18x20
4700
16x15
18x15
18x20
18x25
6800
18x15
18x20
18x25
10000
18x20
18x25


Similar Part No. - 337FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337FXM010M ILLINOISCAPACITOR-337FXM010M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
337FXM010M ILLINOISCAPACITOR-337FXM010M Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
337FXM010M ILLINOISCAPACITOR-337FXM010M Datasheet
134Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 337FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com