Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227AXZ6R3M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 227AXZ6R3M
Description  105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227AXZ6R3M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  227AXZ6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227AXZ6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXZ
+105°C, Low Impedance 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
1
50
105AXZ050M
198.944
5
30
4x5.4
2.2
50
225AXZ050M
90.429
5
30
4x5.4
3.3
50
335AXZ050M
60.286
5
30
4x5.4
4.7
35
475AXZ035M
42.33
1.8
80
4x5.4
4.7
50
475AXZ050M
42.328
1.52
85
5x5.4
6.8
50
685AXZ050M
29.256
1.2
120
5x5.4
10
25
106AXZ025M
23.21
1.8
80
4x5.4
10
35
106AXZ035M
19.89
0.76
150
5x5.4
10
50
106AXZ050M
19.894
0.88
165
6.3x5.4
15
16
156AXZ016M
17.68
1.8
80
4x5.4
15
35
156AXZ035M
13.263
0.76
150
5x5.4
15
50
156AXZ050M
13.263
0.88
165
6.3x5.4
22
10
226AXZ010M
15.07
1.8
80
4x5.4
22
35
226AXZ035M
9.04
0.76
150
5x5.4
22
50
226AXZ050M
9.043
0.88
165
6.3x5.4
27
6.3
276AXZ6R3M
14.737
1.8
80
4x5.4
27
16
276AXZ016M
9.824
0.76
150
5x5.4
27
35
276AXZ035M
7.368
0.44
230
6.3x5.4
27
50
276AXZ050M
7.368
0.68
185
6.3x7.7
33
10
336AXZ010M
10.05
0.76
150
5x5.4
33
35
336AXZ035M
6.03
0.44
230
6.3x5.4
33
50
336AXZ050M
6.029
0.68
185
6.3x7.7
47
6.3
476AXZ6R3M
8.47
0.76
150
5x5.4
47
35
476AXZ035M
4.23
0.44
230
6.3x5.4
47
50
476AXZ050M
4.233
0.68
185
6.3x7.7
56
6.3
566AXZ6R3M
7.11
0.76
150
5x5.4
56
25
566AXZ025M
4.145
0.44
230
6.3x5.4
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
56
35
566AXZ035M
3.553
0.34
280
6.3x7.7
56
50
566AXZ050M
4.145
0.34
350
8x10.5
68
25
686AXZ025M
3.41
0.44
230
6.3x5.4
68
35
686AXZ035M
2.93
0.34
280
6.3x7.7
68
50
686AXZ050M
3.413
0.34
350
8x10.5
100
16
107AXZ016M
2.65
0.44
230
6.3x5.4
100
25
107AXZ025M
2.32
0.34
280
6.3x7.7
100
50
107AXZ050M
2.321
0.18
300
8x10.5
150
10
157AXZ010M
2.21
0.44
230
6.3x5.4
150
16
157AXZ016M
1.77
0.34
280
6.3x7.7
150
35
157AXZ035MD8
1.55
0.17
600
8x10.5
150
50
157AXZ050M
1.547
0.18
670
10x10.5
220
6.3
227AXZ6R3M
1.81
0.44
230
6.3x5.4
220
16
227AXZ016M
1.206
0.34
280
6.3x7.7
220
35
227AXZ035M
1.06
0.17
600
8x10.5
220
50
227AXZ050M
1.055
0.18
670
10x10.5
330
6.3
337AXZ6R3M
1.206
0.34
280
6.3x7.7
330
16
337AXZ016M
1.01
0.17
450
10x7.7
330
25
337AXZ025M
0.804
0.17
600
8x10.5
330
35
337AXZ035M
0.703
0.09
850
10x10.5
470
16
477AXZ016M
0.706
0.17
600
8x10.5
470
25
477AXZ025M
0.564
0.09
850
10x10.5
680
6.3
687AXZ6R3MD8
0.683
0.17
450
8x10.5
680
16
687AXZ016M
0.488
0.09
850
10x10.5
1000
6.3
108AXZ6R3M
0.464
0.17
600
8x10.5
1000
10
108AXZ010M
0.398
0.09
850
10x10.5
1500
6.3
158AXZ6R3M
0.309
0.09
850
10x10.5


Similar Part No. - 227AXZ6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227AXZ6R3M ILLINOISCAPACITOR-227AXZ6R3M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
227AXZ6R3M ILLINOISCAPACITOR-227AXZ6R3M Datasheet
219Kb / 2P
   Low Impedance 2000 hours
227AXZ6R3M ILLINOISCAPACITOR-227AXZ6R3M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
227AXZ6R3M ILLINOISCAPACITOR-227AXZ6R3M Datasheet
126Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 227AXZ6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
VEH470M1VTR080100 RFE-VEH470M1VTR080100 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEH Series: Surface Mount Type, Low Impedance
VEZ220M1ATR050053 RFE-VEZ220M1ATR050053 Datasheet
89Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEZ Series: Surface Mount Type, Low Impedance
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com