Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3042TM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MOC3042TM
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3042TM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MOC3042TM Datasheet HTML 3Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 4Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 5Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 6Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 7Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 8Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 9Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 10Page - Fairchild Semiconductor MOC3042TM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.fairchildsemi.com
MOC3031M, MOC3032M, MOC3033M, MOC3041M, MOC3042M, MOC3043M Rev. 1.0.1
Marking Information
MOC3031V
1
2
6
4
3
5
*Note – Parts that do not have the ‘V’ option (see definition 3 above) that are marked with
date code ‘325’ or earlier are marked in portrait format.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code, e.g., ‘3’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
XX YY Q
Reflow Profile (White Package, -M Suffix)
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
°C
Time (s)
0
60
180
120
270
260
°C
>245
°C = 42 Sec
Time above
183
°C = 90 Sec
360
1.822
°C/Sec Ramp up rate
33 Sec


Similar Part No. - MOC3042TM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3042 MOTOROLA-MOC3042 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3042 ETC-MOC3042 Datasheet
84Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Guangdong Youtai Semico...
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3042TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com