Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA05 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBTA05
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTA05 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBTA05 Datasheet HTML 1Page - Fairchild Semiconductor MMBTA05 Datasheet HTML 2Page - Fairchild Semiconductor MMBTA05 Datasheet HTML 3Page - Fairchild Semiconductor MMBTA05 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, November 2002
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Thermal Characteristics T
A=25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6”
× 0.06"
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector current
- Continuous
500
mA
TJ, Tstg
Junction and Storage Temperature
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 1mA, IB = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IC = 100µA, IC = 0
4
V
ICEO
Collector Cutoff Current
VCE = 60V, IB = 0
0.1
µA
ICBO
Emitter Cutoff Current
VCB = 60V, IE = 0
0.1
µA
On Characteristics
hFE
DC Current Gain
IC = 10mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
100
100
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 10mA
0.25
V
VBE(on)
Base-Emitter On Voltage
IC = 100mA, VCE = 1.0V
1.2
V
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 10mA, VCE = 2V,
f = 100MHz
100
MHz
Symbol
Parameter
Max.
Units
MPSA05
*MMBTA05
PD
Total Device Dissipation
Derate above 25
°C
625
5
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
MPSA05/MMBTA05
NPN General Purpose Amplifier
• This device is designed for general purpose amplifier
applications at collector currents to 300mA.
• Sourced from process 10.
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
Mark: 1H
TO-92
1
1. Emitter 2. Base 3. Collector


Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Guangdong Youtai Semico...
MMBTA05 UMW-MMBTA05 Datasheet
832Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMBTA05 DIODES-MMBTA05 Datasheet
106Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. 12 - 2
logo
Galaxy Semi-Conductor H...
MMBTA05 BILIN-MMBTA05 Datasheet
222Kb / 5P
   NPN General Purpose Transistor
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
   NPN (DRIVER TRANSISTOR)
More results

Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com