Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107CKE100M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107CKE100M
Description  105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107CKE100M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107CKE100M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107CKE100M Datasheet HTML 2Page - Illinois Capacitor, Inc. 107CKE100M Datasheet HTML 3Page - Illinois Capacitor, Inc. 107CKE100M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CKH_CKE +105°C, Extended life 2000
hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104CKH050M
1657.86
5
5x11
0.15
50
154CKH050M
1105.24
5
5x11
0.22
50
224CKH050M
753.575
7
5x11
0.33
50
334CKH050M
502.38
10
5x11
0.47
100
474CKH100M
282.19
12
5x11
0.47
250
474CKH250M
529.106
15
6.3x11
0.68
50
684CKH050M
243.804
10
5x11
1
50
105CKH050M
165.79
17
5x11
1
100
105CKE100M
132.63
19
5x11
1
250
105CKE250M
248.68
21
6.3x11
1
350
105CKE350M
331.57
21
6.3x11
1
400
105CKE400M
331.57
21
8x11.5
1
450
105CKE450M
331.57
22
10x12.5
1.5
50
155CKH050M
110.52
15
5x11
2.2
50
225CKH050M
75.358
25
5x11
2.2
100
225CKE100M
60.286
28
5x11
2.2
250
225CKH250M
113.036
31
6.3x11
2.2
350
225CKE350M
150.71
21
6.3x11
2.2
400
225CKE400M
150.71
26
8x11.5
2.2
450
225CKE450MJM
150.71
20
8x11.5
2.2
450
225CKE450M
150.71
31
10x12.5
3.3
50
335CKE050M
50.238
31
5x11
3.3
100
335CKE100M
40.19
34
5x11
3.3
200
335CKE200M
75.358
34
6.3x11
3.3
250
335CKE250M
75.358
44
8x11.5
3.3
250
335CKE250MGM
75.358
28
6.3x11
3.3
350
335CKE350MJM
100.477
30
8x11.5
3.3
400
335CKE400M
100.477
41
10x12.5
3.3
400
335CKE400MJM
100.477
34
8x11.5
3.3
450
335CKE450MLN
100.477
28
10x13
3.3
450
335CKE450M
100.477
50
12.5x20
4.7
100
475CKE100M
28.219
41
5x11
4.7
160
475CKE160M
52.911
38
6.3x11
4.7
200
475CKE200M
52.911
35
6.3x11
4.7
250
475CKE250MGM
52.911
35
6.3x11
4.7
250
475CKH250M
52.911
60
10x12.5
4.7
250
475CKE250M
52.911
50
8x11.5
4.7
350
475CKE350M
70.547
47
10x12.5
4.7
350
475CKE350MJM
70.547
39
8x11.5
4.7
400
475CKE400M
70.547
55
10x16
4.7
400
475CKE400MLN
70.547
42
10x12.5
4.7
450
475CKH450M
70.547
60
12.5x20
4.7
450
475CKE450M
70.547
43
10x20
4.7
450
475CKE450MLN
70.547
32
10x12.5
6.8
50
685CKH050M
24.381
40
5x11
6.8
63
685CKH063M
24.381
42
5x11
6.8
100
685CKH100M
19.504
52
6.3x11
6.8
250
685CKH250M
36.571
65
10x16
10
50
106CKH050M
16.579
55
5x11
10
63
106CKE063M
16.579
55
5x11
10
100
106CKH100M
13.263
65
6.3x11
10
100
106CKE100MEM
13.263
50
5x11
10
160
106CKE160M
24.868
65
8x11.5
10
200
106CKE200M
24.868
75
10x12.5
10
200
106CKE200MJM
24.868
57
8x11.5
10
250
106CKE250MLN
24.868
71
10x12.5
10
250
106CKH250M
24.868
90
10x16
10
350
106CKE350M
33.157
85
10x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
10
350
106CKE350MLQ
33.157
64
10x16
10
400
106CKE400M
33.157
73
10x20
10
400
106CKE400MLQ
33.157
64
10x16
10
450
106CKE450MLU
33.157
27
10x21
10
450
106CKE450M
33.157
65
12.5x20
15
50
156CKH050M
11.052
58
5x11
15
63
156CKH063M
11.052
65
6.3x11
15
100
156CKH100M
8.842
80
8x11.5
15
160
156CKH160M
11.052
80
10x16
15
250
156CKH250M
11.052
90
10x20
22
50
226CKH050M
7.536
80
5x11
22
63
226CKH063M
7.536
85
6.3x11
22
63
226CKE063M
7.536
80
5x11
22
100
226CKH100M
6.029
110
8x11.5
22
100
226CKE100M
6.029
100
6.3x11
22
160
226CKE160MLN
11.304
92
10x12.5
22
160
226CKE160M
11.304
110
10x16
22
200
226CKE200MLQ
11.304
105
10x16
22
200
226CKH200M
11.3036
130
10x20
22
250
226CKE250MLU
11.304
105
10x20
22
250
226CKE250M
11.304
160
12.5x20
22
350
226CKE350MNU
15.072
105
12.5x20
22
400
226CKE400M
15.072
150
12.5x25
22
450
226CKE450M
15.072
130
16x25
22
450
226CKH450M
15.071
160
16x31.5
22
450
226CKE450MNV
15.0715
100
13x26
33
50
336CKE050M
5.024
95
5x11
33
63
336CKE063M
5.024
110
6.3x11
33
100
336CKE100M
4.019
140
8x11.5
33
100
336CKH100M
4.019
140
10x12.5
33
160
336CKE160M
7.536
150
10x20
33
160
336CKE160MLQ
7.536
125
10x16
33
200
336CKE200MLU
7.536
140
10x20
33
250
336CKE250M
7.536
190
12.5x20
33
350
336CKE350MNV
10.048
170
12.5x25
33
400
336CKE400M
10.048
160
16x25
33
400
336CKH400M
10.048
210
16x31.5
33
450
336CKE450MQV
10.048
120
16x25
33
450
336CKE450M
10.048
230
18x35.5
47
25
476CKH025M
5.291
95
5x11
47
35
476CKE035M
4.233
110
5x11
47
50
476CKE050M
3.527
130
6.3x11
47
63
476CKE063M
3.527
130
6.3x11
47
63
476CKH063M
3.527
135
8x11.5
47
100
476CKE100MJM
2.822
140
8x11.5
47
100
476CKH100M
2.822
190
10x16
47
100
476CKE100M
2.822
180
10x12.5
47
160
476CKE160MLU
5.291
150
10x20
47
160
476CKE160M
5.291
190
12.5x20
47
200
476CKE200M
5.291
210
12.5x20
47
250
476CKE250MNU
5.291
190
13x21
47
250
476CKE250M
5.291
250
12.5x25
47
350
476CKH350M
7.055
250
16x35.5
47
350
476CKE350M
7.055
190
16x25
47
400
476CKE400M
7.055
210
16x31.5
47
400
476CKE400MQV
7.055
200
16x25
47
450
476CKE450MQW
7.055
155
16x31.5
68
16
686CKH016M
4.145
95
5x11


Similar Part No. - 107CKE100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107CKE100M ILLINOISCAPACITOR-107CKE100M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
107CKE100MLQ ILLINOISCAPACITOR-107CKE100MLQ Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
107CKE100MLQ ILLINOISCAPACITOR-107CKE100MLQ Datasheet
310Kb / 3P
   Extended life 2000 hour
107CKE100MLQ ILLINOISCAPACITOR-107CKE100MLQ Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
107CKE100MLQ ILLINOISCAPACITOR-107CKE100MLQ Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 107CKE100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com