Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3063TVM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC3063TVM
Description  6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3063TVM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC3063TVM Datasheet HTML 1Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 2Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 3Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 4Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 5Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 6Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 7Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 8Page - Fairchild Semiconductor MOC3063TVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5/29/03
Page 4 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
PHOTOTRIAC DRIVER OPTOCOUPLER
(600V PEAK)
MOC3061-M
MOC3062-M
MOC3063-M
MOC3162-M
MOC3163-M
Figure 1. LED Forward Voltage vs. Forward Current
Figure 3. LED Current Required to Trigger vs.
LED Pulse Width
Figure 4. Leakage Current, IDRM vs. Temperature
Figure 2. Trigger Current Vs. Temperature
IF, LED FORWARD CURRENT (mA)
0.1
1
10
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TA, AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
PWIN, LED TRIGGER PULSE WIDTH (µs)
10
1
100
0
2
4
6
8
10
12
14
16
0.1
1
10
100
1000
10000
TA = -40°C
VTM = 3V
NORMALIZED TO TA = 25°C
TA = 25°C
NORMALIZED TO PWIN >> 100µs
TA = 25°C
TA = 85°C


Similar Part No. - MOC3063TVM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3063 MOTOROLA-MOC3063 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3063 ETC-MOC3063 Datasheet
68Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Lite-On Technology Corp...
MOC3063 LITEON-MOC3063 Datasheet
186Kb / 8P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
MOC3063 TENAND-MOC3063 Datasheet
213Kb / 8P
   Property of Lite-on Only
logo
Guangdong Youtai Semico...
MOC3063 UMW-MOC3063 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3063TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
logo
CT Micro International ...
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com