Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD524BE Datasheet(PDF) 3 Page - Analog Devices

Part # AD524BE
Description  Precision Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD524BE Datasheet(HTML) 3 Page - Analog Devices

  AD524BE Datasheet HTML 1Page - Analog Devices AD524BE Datasheet HTML 2Page - Analog Devices AD524BE Datasheet HTML 3Page - Analog Devices AD524BE Datasheet HTML 4Page - Analog Devices AD524BE Datasheet HTML 5Page - Analog Devices AD524BE Datasheet HTML 6Page - Analog Devices AD524BE Datasheet HTML 7Page - Analog Devices AD524BE Datasheet HTML 8Page - Analog Devices AD524BE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD524
Rev. F | Page 3 of 28
SPECIFICATIONS
@ VS = ±15 V, RL = 2 kΩ and TA = +25°C, unless otherwise noted.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at the final electrical
test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD524A
AD524B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Equation (External Resistor Gain Programming)
%
20
1
000
,
40
±
+
G
R
%
20
1
000
,
40
±
+
G
R
Gain Range (Pin Programmable)
1 to 1000
1 to 1000
Gain Error1
G = 1
±0.05
±0.03
%
G = 10
±0.25
±0.15
%
G = 100
±0.5
±0.35
%
G = 1000
±2.0
±1.0
%
Nonlinearity
G = 1
±0.01
±0.005
%
G = 10, G = 100
±0.01
±0.005
%
G = 1000
±0.01
±0.01
%
Gain vs. Temperature
G = 1
5
5
ppm/°C
G = 10
15
10
ppm/°C
G = 100
35
25
ppm/°C
G = 1000
100
50
ppm/°C
VOLTAGE OFFSET (May be Nulled)
Input Offset Voltage
250
100
μV
vs. Temperature
2
0.75
μV/°C
Output Offset Voltage
5
3
mV
vs. Temperature
100
50
μV
Offset Referred to the Input vs. Supply
G = 1
70
75
dB
G = 10
85
95
dB
G = 100
95
105
dB
G = 1000
100
110
dB
INPUT CURRENT
Input Bias Current
±50
±25
nA
vs. Temperature
±100
±100
pA/°C
Input Offset Current
±35
±15
nA
vs. Temperature
±100
±100
pA/°C


Similar Part No. - AD524BE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD524BE AD-AD524BE Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524BE AD-AD524BE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524BE AD-AD524BE Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD524BE AD-AD524BE Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
More results

Similar Description - AD524BE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com