Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD534KCHIPS Datasheet(PDF) 5 Page - Analog Devices

Part # AD534KCHIPS
Description  Internally Trimmed Precision IC Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534KCHIPS Datasheet(HTML) 5 Page - Analog Devices

  AD534KCHIPS Datasheet HTML 1Page - Analog Devices AD534KCHIPS Datasheet HTML 2Page - Analog Devices AD534KCHIPS Datasheet HTML 3Page - Analog Devices AD534KCHIPS Datasheet HTML 4Page - Analog Devices AD534KCHIPS Datasheet HTML 5Page - Analog Devices AD534KCHIPS Datasheet HTML 6Page - Analog Devices AD534KCHIPS Datasheet HTML 7Page - Analog Devices AD534KCHIPS Datasheet HTML 8Page - Analog Devices AD534KCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD534
Rev. C | Page 4 of 20
AD534J
AD534K
AD534L
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Bias Current
0.8
2.02
0.8
2.02
0.8
2.02
μA
Offset Current
0.1
0.1
0.05
0.22
μA
Differential Resistance
10
10
10
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
1
2
1
1
2
Y
X
X
Z
Z
+
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
)
(
)
(
V
10
Total Error1
X = 10 V, −10 V ≤ Z ≤ +10 V
±0.75
±0.35
±0.2
%
X = 1 V, −1 V ≤ Z ≤ +1 V
±2.0
±1.0
±0.8
%
0.1 V ≤ X ≤ 10 V, −10 V ≤ Z ≤ +10 V
±2.5
±1.0
±0.8
%
SQUARER PERFORMANCE
Transfer Function
2
2
1
Z
X
X
+
V
10
)
(
2
2
2
1
Z
X
X
+
V
10
)
(
2
2
2
1
Z
X
X
+
V
10
)
(
2
Total Error (−10 V ≤ X ≤ +10 V)
±0.6
±0.3
±0.2
%
SQUARE-ROOTER PERFORMANCE
Transfer Function (Z1 ≤ Z2)
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
Total Error1 (1 V ≤ Z ≤ 10 V)
±1.0
±0.5
±0.25
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
±15
V
Operating
±8
±182
±8
±182
±8
±182
V
Supply Current
Quiescent
4
62
4
62
4
62
mA
1 Specifications given are percent of full scale, ±10 V (that is, 0.01% = 1 mV).
2 Tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
3 Can be reduced down to 3 V using external resistor between –VS and SF.
4 Irreducible component due to nonlinearity; excludes effect of offsets.
5 Using external resistor adjusted to give SF = 3 V.
6 See
for definition of sections.
Figure 1


Similar Part No. - AD534KCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534KCHIPS AD-AD534KCHIPS Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

Similar Description - AD534KCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com