Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD734AN Datasheet(PDF) 9 Page - Analog Devices

Part # AD734AN
Description  10 MHz, Four-Quadrant Multiplier/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734AN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD734AN Datasheet HTML 5Page - Analog Devices AD734AN Datasheet HTML 6Page - Analog Devices AD734AN Datasheet HTML 7Page - Analog Devices AD734AN Datasheet HTML 8Page - Analog Devices AD734AN Datasheet HTML 9Page - Analog Devices AD734AN Datasheet HTML 10Page - Analog Devices AD734AN Datasheet HTML 11Page - Analog Devices AD734AN Datasheet HTML 12Page - Analog Devices AD734AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD734
Rev. E | Page 9 of 20
SUPPLY VOLTAGE (±VS)
20
–20
–15
–10
–5
15
0
5
10
89
18
17
16
15
14
13
12
11
10
Figure 16. Output Swing vs. Supply Voltage
Y1 FREQUENCY (MHz)
0
–30
–10
–20
10
20
100
90
80
70
60
50
40
30
X1 FREQ =
Y1 FREQ –1MHz
(FOR EXAMPLE,
Y1 – X1 = 1MHz
FOR ALL CURVES)
U = 1V
U = 2V
U = 5V
U = 10V
Figure 17. Output Amplitude vs. Input Frequency, When Used as
Demodulator
TEMPERATURE (°C)
20
–15
10
5
0
15
–5
–10
–55
–35
125
105
85
65
45
25
5
–15
INPUT OFFSET VOLTAGE
DRIFT WILL TYPICALLY BE
WITHIN SHADED AREA
Figure 18. VOS Drift, X Input
TEMPERATURE (°C)
60
20
0
–20
40
–40
–60
–55
–35
105
125
85
65
45
25
5
–15
INPUT OFFSET VOLTAGE
DRIFT WILL TYPICALLY BE
WITHIN SHADED AREA
Figure 19. VOS Drift, Z Input
TEMPERATURE (°C)
8
–6
4
2
0
6
–2
–4
–55
–35
125
105
85
65
45
25
5
–15
INPUT OFFSET VOLTAGE
DRIFT WILL TYPICALLY BE
WITHIN SHADED AREA
Figure 20. VOS Drift, Y Input


Similar Part No. - AD734AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734AN AD-AD734AN Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results

Similar Description - AD734AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com