Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD711CH Datasheet(PDF) 4 Page - Analog Devices

Part # AD711CH
Description  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711CH Datasheet(HTML) 4 Page - Analog Devices

  AD711CH Datasheet HTML 1Page - Analog Devices AD711CH Datasheet HTML 2Page - Analog Devices AD711CH Datasheet HTML 3Page - Analog Devices AD711CH Datasheet HTML 4Page - Analog Devices AD711CH Datasheet HTML 5Page - Analog Devices AD711CH Datasheet HTML 6Page - Analog Devices AD711CH Datasheet HTML 7Page - Analog Devices AD711CH Datasheet HTML 8Page - Analog Devices AD711CH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. E
AD711–Typical Performance Characteristics
–4–
SUPPLY VOLTAGE –
Volts
0
05
10
10
5
15
20
15
20
RL = 2k
25 C
+VOUT
–VOUT
TPC 2. Output Voltage Swing vs.
Supply Voltage
TEMPERATURE – C
10
–12
–60 –40 –20
0
20 40
60
80 100 120 140
10
–11
10
–10
10
–9
10
–8
10
–7
10
–6
TPC 5. Input Bias Current vs. Tem-
perature
AMBIENT TEMPERATURE – C
–60
10
–40 –20 0
20 40 60
80 100 120 140
12
14
16
18
20
22
24
26
–OUTPUT CURRENT
+OUTPUT CURRENT
TPC 8. Short Circuit Current Limit
vs. Temperature
SUPPLY VOLTAGE –
Volts
0
05
10
10
5
15
20
15
20
RL = 2k
25 C
TPC 1. Input Voltage Swing vs.
Supply Voltage
SUPPLY VOLTAGE –
Volts
1.75
05
10
15
20
2.00
2.25
2.50
2.75
TPC 4. Quiescent Current vs. Sup-
ply Voltage
COMMON MODE VOLTAGE – Volts
0
–10
50
25
75
100
MAX J GRADE LIMIT
–5
0
5
10
VS = 15V
25 C
TPC 7. Input Bias Current vs. Com-
mon Mode Voltage
LOAD RESISTANCE –
0
10
15
100
1k
10k
20
25
30
10
5
15V SUPPLIES
TPC 3. Output Voltage Swing vs.
Load Resistance
FREQUENCY – Hz
0.01
1k
AVCL = 1
10k
100k
1M
10M
0.01
1
10
100
TPC 6. Output Impedance vs. Fre-
quency
TEMPERATURE – C
–60
3.0
–40 –20 0
20 40 60
80 100 120 140
3.5
4.0
4.5
5.0
TPC 9. Unity Gain Bandwidth vs.
Temperature


Similar Part No. - AD711CH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711CH AD-AD711CH Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711CH AD-AD711CH Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711CH AD-AD711CH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711CH AD-AD711CH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Similar Description - AD711CH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com