Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD711CH Datasheet(PDF) 8 Page - Analog Devices

Part # AD711CH
Description  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711CH Datasheet(HTML) 8 Page - Analog Devices

Back Button AD711CH Datasheet HTML 4Page - Analog Devices AD711CH Datasheet HTML 5Page - Analog Devices AD711CH Datasheet HTML 6Page - Analog Devices AD711CH Datasheet HTML 7Page - Analog Devices AD711CH Datasheet HTML 8Page - Analog Devices AD711CH Datasheet HTML 9Page - Analog Devices AD711CH Datasheet HTML 10Page - Analog Devices AD711CH Datasheet HTML 11Page - Analog Devices AD711CH Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. E
AD711
–8–
OP AMP SETTLING TIME—A MATHEMATICAL MODEL
The design of the AD711 gives careful attention to optimizing
individual circuit components; in addition, a careful tradeoff was
made: the gain bandwidth product (4 MHz) and slew rate
(20 V/
ms) were chosen to be high enough to provide very fast
settling time but not too high to cause a significant reduction in
phase margin (and therefore stability). Thus designed, the AD711
settles to
±0.01%, with a 10 V output step, in under 1 ms, while
retaining the ability to drive a 100 pF load capacitance when
operating as a unity gain follower.
If an op amp is modeled as an ideal integrator with a unity gain
crossover frequency of
wo/2p, Equation 1 will accurately describe
the small signal behavior of the circuit of Figure 3a, consisting of
an op amp connected as an I-to-V converter at the output of a
bipolar or CMOS DAC. This equation would completely describe
the output of the system if not for the op amp’s finite slew rate
and other nonlinear effects.
V
O
I
IN
=
– R
R(C
f
= C
X )
wo
s
2
+
G
N
wo +
RC
f
Ê
ËÁ
ˆ
¯˜
s
+1
(3)
where:
wo
2p
=op amp’s unity gain frequency
GN = “noise” gain of circuit 1 +
R
R
O
Ê
ËÁ
ˆ
¯˜
This equation may then be solved for Cf:
C
f
=
2
- G
N
R
wo +
2 RC
X
wo +(1- GN )
R
wo
(3)
In these equations, capacitor CX is the total capacitor appearing
the inverting terminal of the op amp. When modeling a DAC
buffer application, the Norton equivalent circuit of Figure 3a
can be used directly; capacitance CX is the total capacitance of
the output of the DAC plus the input capacitance of the op amp
(since the two are in parallel).
AD711
CX
RO
IO
CF
R
RL
CL
VOUT
Figure 3a. Simplified Model of the AD711 Used as a
Current-Out DAC Buffer
When RO and IO are replaced with their Thevenin VIN and RIN
equivalents, the general purpose inverting amplifier of Figure 26b
is created. Note that when using this general model, capacitance
CX is either the input capacitance of the op amp if a simple inverting
op amp is being simulated or it is the combined capacitance of
the DAC output and the op amp input if the DAC buffer is
being modeled.
AD711
CX
RIN
CF
R
RL
CL
VOUT
VIN
Figure 3b. Simplified Model of the AD711
Used as an Inverter
In either case, the capacitance CX causes the system to go from
a one-pole to a two-pole response; this additional pole increases
settling time by introducing peaking or ringing in the op amp
output. Since the value of CX can be estimated with reasonable
accuracy, Equation 2 can be used to choose a small capacitor,
CF, to cancel the input pole and optimize amplifier response.
Figure 4 is a graphical solution of Equation 2 for the AD711
with R = 4 k
W.
CF
0
0
10
10
20
30
40
50
60
20
30
40
50
60
GN = 4.0
GN = 1.0
GN = 1.5
GN = 2.0
GN = 3.0
Figure 4. Value of Capacitor CF vs. Value of CX
The photos of Figures 5a and 5b show the dynamic response of
the AD711 in the settling test circuit of Figure 6.
The input of the settling time fixture is driven by a flat-top pulse
generator. The error signal output from the false summing node
of A1 is clamped, amplified by A2 and then clamped again. The
error signal is thus clamped twice: once to prevent overloading
amplifier A2 and then a second time to avoid overloading the
oscilloscope preamp. The Tektronix oscilloscope preamp type
7A26 was carefully chosen because it does not overload with
these input levels. Amplifier A2 needs to be a very high speed
FET-input op amp; it provides a gain of 10, amplifying the error
signal output of A1.


Similar Part No. - AD711CH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711CH AD-AD711CH Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711CH AD-AD711CH Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711CH AD-AD711CH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711CH AD-AD711CH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Similar Description - AD711CH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com