Electronic Components Datasheet Search |
|
AD734SCHIPS Datasheet(PDF) 3 Page - Analog Devices |
|
AD734SCHIPS Datasheet(HTML) 3 Page - Analog Devices |
3 / 20 page AD734 Rev. E | Page 3 of 20 SPECIFICATIONS TA = +25°C, +VS = VP = +15 V, −VS = VN = −15 V, RL ≥ 2 kΩ, unless otherwise noted. Generalized transfer function: ( )( ) () ⎪⎭ ⎪ ⎬ ⎫ ⎪⎩ ⎪ ⎨ ⎧ − − − − − = 2 1 2 1 2 1 2 1 Z Z U U Y Y X X A W O Table 1. A B S Parameter Conditions Min Typ Max Min Typ Max Min Typ Max Unit MULTIPLIER PERFORMANCE Transfer Function W = XY/10 W = XY/10 W = XY/10 Total Static Error1 −10 V ≤ X, Y ≤ 10 V 0.1 0.4 0.1 0.25 0.1 0.4 % Over TMIN to TMAX 1 0.6 1.25 % vs. Temperature TMIN to TMAX 0.004 0.003 0.004 %/°C vs. Either Supply ±VS = 14 V to 16 V 0.01 0.05 0.01 0.05 0.01 0.05 %/V Peak Nonlinearity −10 V ≤ X ≤ +10 V, Y = +10 V 0.05 0.05 0.05 % −10 V ≤ Y ≤ +10 V, X = +10 V 0.025 0.025 0.025 % THD2 X = 7 V rms, Y = +10 V, f ≤ 5 kHz −58 −66 −58 dBc TMIN to TMAX −55 −63 −55 dBc Y = 7 V rms, X = +10 V, f ≤ 5 kHz −60 −80 −60 dBc TMIN to TMAX −57 −74 −57 dBc Feedthrough X = 7 V rms, Y = nulled, f ≤ 5 kHz −85 −60 −85 −70 –85 –60 dBc Y = 7 V rms, X = nulled, f ≤ 5 kHz −85 −66 −85 −76 −85 −66 dBc Noise (RTO) X = Y = 0 V Spectral Density 100 Hz to 1 MHz 1.0 1.0 1.0 μV/√Hz Total Output Noise 10 Hz to 20 kHz −94 −88 −94 −88 −94 −88 dBc TMIN to TMAX −85 −85 −85 dBc DIVIDER PERFORMANCE (Y = 10 V) Transfer Function W = XY/U W = XY/U W = XY/U Gain Error Y = 10 V, U = 100 mV to 10 V 1 1 1 % X Input Clipping Level Y ≤ 10 V 1.25 × U 1.25 × U 1.25 × U V U Input Scaling Error3 0.3 0.15 0.3 % TMIN to TMAX 0.8 0.65 1 % Output to 1% U = 1 V to 10 V step, X = 1 V 100 100 100 ns INPUT INTERFACES (X, Y, AND Z) 3 dB Bandwidth 40 40 40 MHz Operating Range Differential or common mode ±12.5 ±12.5 ±12.5 V X Input Offset Voltage 15 5 15 mV TMIN to TMAX 25 15 25 mV Y Input Offset Voltage 10 5 10 mV TMIN to TMAX 12 6 12 mV Z Input Offset Voltage 20 10 20 mV TMIN to TMAX 50 50 90 mV Z Input PSRR (Either Supply) f ≤ 1 kHz 54 70 66 70 54 70 dB TMIN to TMAX 50 56 50 dB |
Similar Part No. - AD734SCHIPS |
|
Similar Description - AD734SCHIPS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |