Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD844AQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD844AQ
Description  60 MHz 2000 V Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844AQ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD844AQ Datasheet HTML 4Page - Analog Devices AD844AQ Datasheet HTML 5Page - Analog Devices AD844AQ Datasheet HTML 6Page - Analog Devices AD844AQ Datasheet HTML 7Page - Analog Devices AD844AQ Datasheet HTML 8Page - Analog Devices AD844AQ Datasheet HTML 9Page - Analog Devices AD844AQ Datasheet HTML 10Page - Analog Devices AD844AQ Datasheet HTML 11Page - Analog Devices AD844AQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD844
Rev. F | Page 8 of 20
INVERTING GAIN-OF-1 AC CHARACTERISTICS
R2
AD844
+
R1
+VS
4.7
4.7
0.22µF
0.22µF
OUTPUT
CL
RL
–IN
–VS
Figure 13. Inverting Amplifier, Gain of −1 (R1 = R2)
6
–24
0
–6
–12
–18
100M
1M
100k
10M
FREQUENCY (Hz)
R1 = R2 = 500Ω
R1 = R2 = 1kΩ
Figure 14. Gain vs. Frequency for Gain = −1, RL = 500 Ω, CL = 0 pF
–180
50
0
25
–210
–240
–270
–300
–330
R1 = R2 = 500Ω
R1 = R2 = 1kΩ
FREQUENCY (MHz)
Figure 15. Phase vs. Frequency for Gain = −1, RL = 500 Ω, CL = 0 pF
5V
10
20ns
100
0
90
Figure 16. Large Signal Pulse Response, Gain = −1, R1 = R2 = 1 kΩ
10
20ns
100
0
500nV
90
Figure 17. Small Signal Pulse Response, Gain = −1, R1 = R2 = 1 kΩ


Similar Part No. - AD844AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844AQ AD-AD844AQ Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AQ AD-AD844AQ Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Similar Description - AD844AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
National Semiconductor ...
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com