Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA42 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # PZTA42
Description  NPN High Voltage Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA42 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button PZTA42 Datasheet HTML 6Page - Fairchild Semiconductor PZTA42 Datasheet HTML 7Page - Fairchild Semiconductor PZTA42 Datasheet HTML 8Page - Fairchild Semiconductor PZTA42 Datasheet HTML 9Page - Fairchild Semiconductor PZTA42 Datasheet HTML 10Page - Fairchild Semiconductor PZTA42 Datasheet HTML 11Page - Fairchild Semiconductor PZTA42 Datasheet HTML 12Page - Fairchild Semiconductor PZTA42 Datasheet HTML 13Page - Fairchild Semiconductor PZTA42 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SOT-223 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
62 empty pockets
Trailer Tape
300mm minimum or
38 empty pockets
SOT-223 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOT-223 Packaging Information
Standard
(no flow code)
D84Z
Packaging type
Reel Size
TNR
13" Dia
TNR
7" Dia
Qty per Reel/Tube/Bag
2,500
500
Box Dimension (mm)
343x64x343
184x187x47
Max qty per Box
5,000
1,000
Weight per unit (gm)
0.1246
0.1246
Weight per Reel (kg)
0.7250
0.1532
SOT-223 Unit Orientation
F852
014
F852
014
F852
014
F852
014
F63TNR Label
343mm x 342mm x 64mm
Intermediate box for Standard
184mm x 184mm x 47mm
Pizza Box for D84Z Option
F63TNR Label
LOT: CBVK741B019
FSID: PN2222A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F63TNR Label sample
F63TNR Label
Antistatic Cover Tape
Customized Label
Static Dissipative
Embossed Carrier Tape
Packaging Description:
SOT-223 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SOT-223 Tape and Reel Data and Package Dimensions
September 1999, Rev. B


Similar Part No. - PZTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Continental Device Indi...
PZTA42 CDIL-PZTA42 Datasheet
209Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Goodwork Semiconductor ...
PZTA42 GWSEMI-PZTA42 Datasheet
784Kb / 3P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZTA42 SIEMENS-PZTA42 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistors
logo
GUANGDONG HOTTECH INDUS...
PZTA42 HOTTECH-PZTA42 Datasheet
188Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - PZTA42

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MMBTA42 KISEMICONDUCTOR-MMBTA42 Datasheet
7Mb / 4P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
TN6719A FAIRCHILD-TN6719A Datasheet
24Kb / 2P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42 Datasheet
176Kb / 3P
   NPN High Voltage Amplifier
logo
Samsung semiconductor
KSC1009 SAMSUNG-KSC1009 Datasheet
70Kb / 2P
   NPN (HIGH VOLTAGE AMPLIFIER)
logo
Shenzhen Luguang Electr...
MMBTA42 LUGUANG-MMBTA42 Datasheet
663Kb / 3P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA43 BILIN-MMBTA43 Datasheet
219Kb / 3P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
MPSA43 FAIRCHILD-MPSA43_02 Datasheet
28Kb / 3P
   NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA43 BILIN-MMBTA43_13 Datasheet
188Kb / 3P
   NPN High Voltage Amplifier
MMBTA42 BILIN-MMBTA42_13 Datasheet
166Kb / 4P
   NPN High Voltage Amplifier
logo
Fairchild Semiconductor
MPSA43 FAIRCHILD-MPSA43 Datasheet
27Kb / 3P
   NPN High Voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com