Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA55 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MMBTA55
Description  PNP General Purpose Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTA55 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MMBTA55 Datasheet HTML 5Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 6Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 7Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 8Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 9Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 10Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 11Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 12Page - Fairchild Semiconductor MMBTA55 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
420mm x 420mm x 320mm
Outer box(64,000cap)
FKS Label
420mm x 420mm x 320mm
Outer box(64,000cap)
FKS Label
FKS Label
FKS Label
SOT-223 Tape and Reel Data
©2001 Fairchild Semiconductor Corporation
October 2001, Rev. A
SOT-223 Packaging
Configuration: Figure 1.0
Note/Comments
Packaging Option
SOT-223 Packaging Information
Standard
Packaging type
Reel Size
TNR
13” Dia
Qty per Reel/Tube/Bag
4,000
Inner Box Dimension (mm)
339x352x68
Max qty per Box
16,000
Weight per unit (gm)
0.1118
Weight per Reel(kg)
-
Static Dissipative
Embossed Carrier Tape
FKS Label
Antistatic Cover Tape
Static Dissipative
Embossed Carrier Tape
FKS Label
Antistatic Cover Tape
339mm x 352mm x 68mm
Inner box(16,000cap)
Outer Box Dimension (mm)
420x420x320
Max qty per Box
64,000
4 Reels per box
SOT-223 Tape Leader and Trailer
Configuration: Figure 2.0
DVC:
KA7812-AE
LOT:
IMSYS777
Q’TY:
12000
Outer Box Barcode Label Sample
IM
01
A710103105
88706892
7103
DVC:
KA7812-AE
LOT:
IMSYS777
12000
IM
01
00 / 03 / 17
07:30
DVC:
LOT:
Q’TY:
Inner Box Barcode Label Sample
DVC:
KA7812-AE
OPTION:
TKLEE777
1000
00 / 03 / 17
06:30
W/W: 0103
01
20000025
MBB : NOR
P/U : 660
S/T : LOGO
I/B: LOGO
HIC : 0 P/T:O MIX: X
P
ETC:
Components
Cover Tape
Carrier Tape
Leader Tape
1520mm minimum or
190 empty pockets
Trailer Tape
360mm minimum or
45 empty pockets
SOT-223 Unit Orientation
Packaging Description:
SOT-223 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
4000 units per 13” or 330cm diameter reel. The reels are
dark blue or black in color and is made of polystyrene
plastic (anti-static coated). This and some other options
are further described in the Packaging Information
table.These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains four reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
F T0133
FQT13N60
F T0133
FQT13N60
F T0133
FQT13N60
F T0133
FQT13N60
F T0133
FQT13N60
F T0133
FQT13N60
F T0133
FQT13N60
F T0133
FQT13N60


Similar Part No. - MMBTA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA55 MCC-MMBTA55 Datasheet
118Kb / 4P
   PNP General Purpose Amplifier
MMBTA55 MCC-MMBTA55 Datasheet
257Kb / 4P
   PNP General Purpose Amplifier
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMBTA55 DIODES-MMBTA55 Datasheet
108Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 11 - 2
More results

Similar Description - MMBTA55

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com