Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1955ARSZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD1955ARSZ
Description  High Performance Multibit with SACD Playback
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1955ARSZ Datasheet(HTML) 5 Page - Analog Devices

  AD1955ARSZ Datasheet HTML 1Page - Analog Devices AD1955ARSZ Datasheet HTML 2Page - Analog Devices AD1955ARSZ Datasheet HTML 3Page - Analog Devices AD1955ARSZ Datasheet HTML 4Page - Analog Devices AD1955ARSZ Datasheet HTML 5Page - Analog Devices AD1955ARSZ Datasheet HTML 6Page - Analog Devices AD1955ARSZ Datasheet HTML 7Page - Analog Devices AD1955ARSZ Datasheet HTML 8Page - Analog Devices AD1955ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD1955
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD1955 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS*
Parameter
Min
Max
Unit
DVDD to DGND
–0.3
6
V
AVDD to AGND
–0.3
6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Outputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
+0.3
V
Reference Voltage
(AVDD + 0.3)/2
Soldering
300
°C
10
sec
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE CHARACTERISTICS
Package
Typ
Unit
JA (Thermal Resistance
109.0
°C/W
[Junction-to-Ambient])
JC (Thermal Resistance
39.0
°C/W
[Junction-to-Case])
ORDERING GUIDE
Model
Temperature
Package Description
Package Option*
AD1955ARS
–40
°C to +85°C
28-Lead SSOP
RS-28
AD1955ARSRL
–40
°C to +85°C
28-Lead SSOP
RS-28 on 13" Reels
EVAL-AD1955EB
Evaluation Board
*RS = Shrink Small Outline Package
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IREF
FILTR
IOUTR–
IOUTR+
AGND
DSD_PHASE
DSD_RDATA
DVDD
LRCLK/EF_WCLK
BCLK/EF_BCLK
SDATA/EF_LDATA
DSD_LDATA
DSD_SCLK
EF_RDATA
AVDD
FILTB
IOUTL–
IOUTL+
AGND
ZEROR
ZEROL
DGND
MCLK
CCLK
CLATCH
MUTE
PD/RST
CDATA
AD1955


Similar Part No. - AD1955ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955 AD-AD1955 Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
AD1955YRS AD-AD1955YRS Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
AD1955YRSRL AD-AD1955YRSRL Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
More results

Similar Description - AD1955ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1955 AD-AD1955 Datasheet
259Kb / 10P
   High Performance Multibit DAC with SACD Playback
Rev. PrF 3/18/2002
EVAL-AD1955EB AD-EVAL-AD1955EB Datasheet
903Kb / 24P
   High Performance Multibit - DAC with SACD Playback
REV. 0
AD1958 AD-AD1958 Datasheet
135Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959 Datasheet
107Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
logo
List of Unclassifed Man...
YMZ705 ETC-YMZ705 Datasheet
1Mb / 9P
   SSG ADPCM PLAYBACK WITH SEQUENCER
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
logo
STMicroelectronics
TDA7284 STMICROELECTRONICS-TDA7284 Datasheet
157Kb / 14P
   RECORD/PLAYBACK CIRCUIT WITH ALC
logo
Sony Corporation
CXA2559Q SONY-CXA2559Q Datasheet
300Kb / 19P
   Playback Equalizer Amplifier with Music Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com