Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5307BRUZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5307BRUZ1
Description  2.5 V to 5.5 V, 400 muA, Quad Voltage Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5307BRUZ1 Datasheet(HTML) 5 Page - Analog Devices

  AD5307BRUZ1 Datasheet HTML 1Page - Analog Devices AD5307BRUZ1 Datasheet HTML 2Page - Analog Devices AD5307BRUZ1 Datasheet HTML 3Page - Analog Devices AD5307BRUZ1 Datasheet HTML 4Page - Analog Devices AD5307BRUZ1 Datasheet HTML 5Page - Analog Devices AD5307BRUZ1 Datasheet HTML 6Page - Analog Devices AD5307BRUZ1 Datasheet HTML 7Page - Analog Devices AD5307BRUZ1 Datasheet HTML 8Page - Analog Devices AD5307BRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5307/AD5317/AD5327
Rev. C | Page 5 of 28
AC CHARACTERISTICS
VDD = 2.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
A, B Versions1
Parameter2, 3
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
AD5307
6
8
μs
1/4 scale to 3/4 scale change (0x40 to 0xC0)
AD5317
7
9
μs
1/4 scale to 3/4 scale change (0x100 to 0x300)
AD5327
8
10
μs
1/4 scale to 3/4 scale change (0x400 to 0xC00)
Slew Rate
0.7
V/μs
Major-Code Change Glitch Energy
12
nV-s
1 LSB change around major carry
Digital Feedthrough
0.5
nV-s
SDO Feedthrough
4
nV-s
Daisy-chain mode; SDO load is 10 pF
Digital Crosstalk
0.5
nV-s
Analog Crosstalk
1
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V ± 0.1 V p-p; unbuffered mode
Total Harmonic Distortion
−70
dB
VREF = 2.5 V ± 0.1 V p-p; frequency = 10 kHz
1 Temperature range (A, B versions): −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization; not production tested.
3 See the Terminology section.
TIMING CHARACTERISTICS
VDD = 2.5 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
A, B Versions
Parameter1, ,
2
3
Limit at TMIN, TMAX
Unit
Conditions/Comments
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC to SCLK falling edge set-up time
t5
5
ns min
Data set-up time
t6
4.5
ns min
Data hold time
t7
5
ns min
SCLK falling edge to SYNC rising edge
t8
50
ns min
Minimum SYNC high time
t9
20
ns min
LDAC pulse width
t10
20
ns min
SCLK falling edge to LDAC rising edge
t11
20
ns min
CLR pulse width
t12
0
ns min
SCLK falling edge to LDAC falling edge
t134, 5
20
ns max
SCLK rising edge to SDO valid (VDD = 3.6 V to 5.5 V)
25
ns max
SCLK rising edge to SDO valid (VDD = 2.5 V to 3.5 V)
t14
5
ns min
SCLK falling edge to SYNC rising edge
t15
8
ns min
SYNC rising edge to SCLK rising edge
t16
0
ns min
SYNC rising edge to LDAC falling edge
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
3 See Figure 3 and Figure 4.
4 This is measured with the load circuit of Figure 2. t13 determines maximum SCLK frequency in daisy-chain mode.
5 Daisy-chain mode only.


Similar Part No. - AD5307BRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results

Similar Description - AD5307BRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5342BRUZ AD-AD5342BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com