Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7111ACN Datasheet(PDF) 3 Page - Analog Devices

Part # AD7111ACN
Description  LC2MOS LOGDAC Logarithmic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7111ACN Datasheet(HTML) 3 Page - Analog Devices

  AD7111ACN Datasheet HTML 1Page - Analog Devices AD7111ACN Datasheet HTML 2Page - Analog Devices AD7111ACN Datasheet HTML 3Page - Analog Devices AD7111ACN Datasheet HTML 4Page - Analog Devices AD7111ACN Datasheet HTML 5Page - Analog Devices AD7111ACN Datasheet HTML 6Page - Analog Devices AD7111ACN Datasheet HTML 7Page - Analog Devices AD7111ACN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7111/AD7111A
REV. 0
–3–
AD7111A–ELECTRICAL CHARACTERISTICS
AD7111AC Grade
AD7111AB Grade
Parameter
TA = +25 CTA = TMIN, TMAX
TA = +25 CTA = TMIN, TMAX
Units
Conditions/Comments
NOMINAL RESOLUTION
0.375
0.375
0.375
0.375
dB
ACCURACY RELATIVE TO
0 dB ATTENUATION
0.375 dB Steps:
Accuracy
≤ ±0.17 dB
0 to 36
0 to 36
0 to 30
0 to 30
dB min
Guaranteed Attenuation Ranges
Monotonic
0 to 54
0 to 54
0 to 48
0 to 48
dB min
for Specified Step Sizes
0.75 dB Steps:
Accuracy
≤ ±0.35 dB
0 to 48
0 to 42
0 to 42
0 to 36
dB min
Monotonic
0 to 72
0 to 66
0 to 72
0 to 60
dB min
1.5 dB Steps:
Accuracy
≤ ±0.7 dB
0 to 54
0 to 48
0 to 48
0 to 42
dB min
Full Range Is from 0 dB
Monotonic
Full Range
0 to 78
0 to 85.5
0 to 72
dB min
to 88.5 dB
3.0 dB Steps:
Accuracy
≤ ±1.4 dB
0 to 66
0 to 54
0 to 60
0 to 48
dB min
Monotonic
Full Range
Full Range
Full Range
Full Range
dB min
6.0 dB Steps:
Accuracy
≤ ±2.7 dB
0 to 72
0 to 60
0 to 60
0 to 48
dB min
Monotonic
Full Range
Full Range
Full Range
Full Range
dB min
GAIN ERROR
± 0.1
± 0.15
±0.15
±0.20
dB max
VIN INPUT RESISTANCE
9/11/15
9/11/15
7/11/18
7/11/18
k
Ω min/typ/max
RFB INPUT RESISTANCE
9.3/11.5/15.7 9.3/11.5/15.7
7.3/11.5/18.8 7.3/11.5/18.8
k
Ω min/typ/max
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
2.4
2.4
V min
VIL (Input High Voltage)
0.8
0.8
0.8
0.8
V max
Input Leakage Current
± 1
± 10
±1
±10
µA max
Digital Inputs = VDD
SWITCHING CHARACTERISTICS
1
tCS
0
0
0
0
ns min
Chip Select to Write Setup Time
tCH
0
0
0
0
ns min
Chip Select to Write Hold Time
tWR
57
57
57
57
ns min
Write Pulse Width
tDS
25
25
25
25
ns min
Data Valid to Write Setup Time
tDH
10
10
10
10
ns min
Data Valid to Write Hold Time
POWER SUPPLY
VDD
+5
+5
+5
+5
V
Digital Inputs = VIL or VIH
IDD
1
2
1
2
mA max
CS
= WR = 0 V
1
1
1
1
mA max
Digital Inputs = 0 V or VDD;
See Figure 6
NOTE
1Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
(VDD = +5 V, VIN = –10 V dc, IOUT = AGND = DGND = O V output amplifier
AD711 except where noted)
AC PERFORMANCE CHARACTERISTICS These characteristics are included for design guidance only and are not subject
to test. VDD = +5 V, VIN = –10 V dc except where noted, IOUT = AGND = DGND = O V, output amplifier AD711 except where noted.
AD7111AC Grade
AD7111AB Grade
Parameter
TA = +25 CTA = TMIN, TMAX
TA = +25 CTA = TMIN, TMAX Units
Conditions/Comments
DC Supply Rejection,
∆Gain/∆V
DD
0.001
0.005
0.001
0.005
dB per % max
∆V
DD = ± 10%, Input Code = 00000000
Propagation Delay
1
1.5
1
1.5
µs max
Full-Scale Change Measured from
WR
Going High, CS = 0 V
Digital-to-Analog Glitch Impulse
10
20
10
20
nV secs typ
Measured with AD843 as Output
Amplifier for Code Transition
10000000 to 00000000
C1 of Figure 1 is 0 pF
Output Capacitance, Pin 1
50
50
50
50
pF max
Input Capacitance, Pin 15 and Pin 16
7
7
7
7
pF max
Feedthrough at 1 kHz
–94
–90
–92
–90
dB max
Total Harmonic Distortion
–91
–91
–91
–91
dB typ
VIN = 6 V rms at 1 kHz
Output Noise Voltage Density
70
70
70
70
nV/
√Hz max
Includes AD711 Amplifier Noise
Digital Input Capacitance
7
7
7
7
pF max
Specifications subject to change without notice.


Similar Part No. - AD7111ACN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111ACN AD-AD7111ACN Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results

Similar Description - AD7111ACN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com