Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5317BRUZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5317BRUZ
Description  2.5 V to 5.5 V, 400 muA, Quad Voltage Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317BRUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5317BRUZ Datasheet HTML 6Page - Analog Devices AD5317BRUZ Datasheet HTML 7Page - Analog Devices AD5317BRUZ Datasheet HTML 8Page - Analog Devices AD5317BRUZ Datasheet HTML 9Page - Analog Devices AD5317BRUZ Datasheet HTML 10Page - Analog Devices AD5317BRUZ Datasheet HTML 11Page - Analog Devices AD5317BRUZ Datasheet HTML 12Page - Analog Devices AD5317BRUZ Datasheet HTML 13Page - Analog Devices AD5317BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5307/AD5317/AD5327
Rev. C | Page 10 of 28
0123
–0.50
–0.25
0
0.25
0.50
45
VREF (V)
MAX INL
MIN INL
MIN INL
TA = 25°C
VDD = 5V
MAX DNL
Figure 12. AD5307 INL Error and DNL Error vs. VREF
–40
0
40
80
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.4
0.3
0.2
0.1
0.5
120
TEMPERATURE (°C)
MAX INL
MAX DNL
VDD = 5V
VREF = 3V
MIN INL
MIN DNL
Figure 13. AD5307 INL Error and DNL Error vs. Temperature
–40
0
40
80
–1.0
–0.5
0
0.5
1.0
120
TEMPERATURE (°C)
VDD = 5V
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 14. AD5307 Offset Error and Gain Error vs. Temperature
01
2345
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0
6
VDD (V)
GAIN ERROR
OFFSET ERROR
0.2
TA = 25°C
VREF = 2V
Figure 15. Offset Error and Gain Error vs. VDD
01
2345
0
1
2
3
4
5
6
SINK/SOURCE CURRENT (mA)
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 16. VOUT Source and Sink Current Capability
ZERO SCALE
0
100
200
300
400
500
FULL SCALE
CODE
TA = 25°C
VDD = 5V
VREF = 2V
600
Figure 17. Supply Current vs. DAC Code


Similar Part No. - AD5317BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5317 AD-AD5317 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5317 AD-AD5317 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5317 AD-AD5317 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5317 AD-AD5317 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5317 AD-AD5317 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5317BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5342BRUZ AD-AD5342BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com