Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MMBTA92
Description  PNP High Voltage Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTA92 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MMBTA92 Datasheet HTML 4Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 5Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 6Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 7Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 8Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 9Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 10Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 11Page - Fairchild Semiconductor MMBTA92 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SOT-23 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empt y poc kets
SOT-23 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
PackagingOption
SOT-23 PackagingInformation
Standard
(no flow code)
D87Z
Packagingtype
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183
343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0082
0.0082
Weight per Reel (kg)
0.1175
0.4006
H uman readable
Label
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for L87Z Option
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SOT-23 Unit Orientation
3P
3P
3P
3P
Human Readable
Label
Customized Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SOT-23
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchil d logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
parts are shipped in tape. The carrier tape is
SOT-23 Tape and Reel Data and Package Dimensions
September 1999, Rev. C


Similar Part No. - MMBTA92

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
161Kb / 4P
   PNP High Voltage Amplifier
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
logo
Jinan Jing Heng Electro...
MMBTA92 JINGHENG-MMBTA92 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
188Kb / 4P
   PNP High Voltage Amplifier
logo
Shenzhen Jin Yu Semicon...
MMBTA92 HTSEMI-MMBTA92 Datasheet
1Mb / 2P
   TRANSISTOR(PNP)
More results

Similar Description - MMBTA92

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSA709 SAMSUNG-KSA709 Datasheet
78Kb / 2P
   PNP (HIGH VOLTAGE AMPLIFIER)
logo
Shenzhen Luguang Electr...
MMBTA92 LUGUANG-MMBTA92 Datasheet
647Kb / 3P
   PNP High Voltage Amplifier
logo
Fairchild Semiconductor
TN5415A FAIRCHILD-TN5415A Datasheet
25Kb / 2P
   PNP High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA93 BILIN-MMBTA93 Datasheet
185Kb / 4P
   PNP High Voltage Amplifier
logo
Shenzhen Luguang Electr...
MMBTA93 LUGUANG-MMBTA93 Datasheet
664Kb / 3P
   PNP High Voltage Amplifier
logo
Kwang Myoung I.S. CO.,L...
MMBTA92 KISEMICONDUCTOR-MMBTA92 Datasheet
7Mb / 4P
   PNP High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
188Kb / 4P
   PNP High Voltage Amplifier
MMBTA92 BILIN-MMBTA92_13 Datasheet
161Kb / 4P
   PNP High Voltage Amplifier
logo
Fairchild Semiconductor
TN5320A FAIRCHILD-TN5320A Datasheet
93Kb / 3P
   PNP High Voltage Amplifier
logo
Renesas Technology Corp
2SB1688 RENESAS-2SB1688 Datasheet
167Kb / 6P
   Silicon PNP Epitaxial High voltage amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com