Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSH10 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MPSH10
Description  NPN RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSH10 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MPSH10 Datasheet HTML 1Page - Fairchild Semiconductor MPSH10 Datasheet HTML 2Page - Fairchild Semiconductor MPSH10 Datasheet HTML 3Page - Fairchild Semiconductor MPSH10 Datasheet HTML 4Page - Fairchild Semiconductor MPSH10 Datasheet HTML 5Page - Fairchild Semiconductor MPSH10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Sustaining Voltage*
IC = 1.0 mA, IB = 0
25
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
30
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
3.0
V
ICBO
Collector Cutoff Current
VCB = 25 V, IE = 0
100
nA
IEBO
Emitter Cutoff Current
VEB = 2.0 V, IC = 0
100
nA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 4.0 mA, VCE = 10 V
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 4.0 mA, IB = 0.4 mA
0.5
V
VBE(on)
Base-Emitter On Voltage
IC = 4.0 mA, VCE = 10 V
0.95
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 4.0 mA, VCE = 10 V,
f = 100 MHz
650
MHz
Ccb
Collector-Base Capacitance
VCB = 10 V, IE = 0, f = 1.0 MHz
0.7
pF
Crb
Common-Base Feedback Capacitance
VCB = 10 V, IE = 0, f = 1.0 MHz
0.35
0.65
pF
rb’Cc
Collector Base Time Constant
IC = 4.0 mA, VCB = 10 V,
f = 31.8 MHz
9.0
pS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
Spice Model
NPN (Is=69.28E-18 Xti=3 Eg=1.11 Vaf=100 Bf=308.6 Ne=1.197 Ise=69.28E-18 Ikf=22.83m Xtb=1.5 Br=1.11
Nc=2 Isc=0 Ikr=0 Rc=4 Cjc=1.042p Mjc=.2468 Vjc=.75 Fc=.5 Cje=1.52p Mje=.3223 Vje=.75 Tr=1.558n
Tf=135.8p Itf=.27 Vtf=10 Xtf=30 Rb=10)
NPN RF Transistor
(continued)


Similar Part No. - MPSH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors
logo
Continental Device Indi...
MPSH10 CDIL-MPSH10 Datasheet
267Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors(NPN Silicon)
1996
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10 Datasheet
328Kb / 2P
   SILICON NPN RF TRANSISTORS
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
   NPN 1 GHz general purpose switching transistor
1998 Aug 27
More results

Similar Description - MPSH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
   NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
   NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
   NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
   NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
   NPN RF TRANSISTOR
logo
Fairchild Semiconductor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770 Datasheet
25Kb / 2P
   NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
   NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com