Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3020SR2VM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MOC3020SR2VM
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3020SR2VM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MOC3020SR2VM Datasheet HTML 2Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 3Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 4Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 5Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 6Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 7Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 8Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 9Page - Fairchild Semiconductor MOC3020SR2VM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4/30/03
Page 6 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
Figure 9. Typical Application Circuit
VCC
Rin
1
2
3
6
5
4
0.05
µF
0.01
µF
LOAD
360
39
470
240
VAC
HOT
GROUND
MOC3020M
MOC3021M
MOC3022M
MOC3023M
Figure 8. Inductive Load with Sensitive Gate Triac (IGT ≤ 15 mA)
Rin
VCC
1
2
3
6
5
4
0.2
µF
180
C1
1.2 k
ZL
120 V
60 Hz
MOC3010M
MOC3011M
MOC3012M
In this circuit the “hot” side of the line is switched and the load connected to the cold or ground side.
The 39 ohm resistor and 0.01µF capacitor are for snubbing of the triac, and the 470 ohm resistor and
0.05 µF capacitor are for snubbing the coupler. These components may or may not be necessary
depending upon the particular and load used.


Similar Part No. - MOC3020SR2VM

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MOC3020S LITEON-MOC3020S Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
Shenzhen Tenand Technol...
MOC3020S TENAND-MOC3020S Datasheet
193Kb / 9P
   Property of Lite-on Only
logo
Lite-On Technology Corp...
MOC3020S-TA1 LITEON-MOC3020S-TA1 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
Shenzhen Tenand Technol...
MOC3020S-TA1 TENAND-MOC3020S-TA1 Datasheet
193Kb / 9P
   Property of Lite-on Only
logo
Guangdong Youtai Semico...
MOC3020SM UMW-MOC3020SM Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
More results

Similar Description - MOC3020SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M_V01 Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com