Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8561ANZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8561ANZ
Description  Ultrafast 7 ns Single Supply Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8561ANZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8561ANZ Datasheet HTML 4Page - Analog Devices AD8561ANZ Datasheet HTML 5Page - Analog Devices AD8561ANZ Datasheet HTML 6Page - Analog Devices AD8561ANZ Datasheet HTML 7Page - Analog Devices AD8561ANZ Datasheet HTML 8Page - Analog Devices AD8561ANZ Datasheet HTML 9Page - Analog Devices AD8561ANZ Datasheet HTML 10Page - Analog Devices AD8561ANZ Datasheet HTML 11Page - Analog Devices AD8561ANZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8561
–10–
GSY1 99 52 POLY(1) (99,50) 4E-3 -2.6E-4
GSY2 52 50 POLY(1) (99,50) 3.7E-3 -.6E-3
RSY
52 51 10
*
* Gain Stage Av=250 fp=100MHz
*
G2 98 20 (12,98) 0.25
R1 20 98 1000
C1 20 98 10E-13
D2 20 21 DX
D3 22 20 DX
V1 99 21 DC 0.8
V2 22 50 DC 0.8
*
* Q Output
*
Q3
99 41 46 NOX
Q4
47 42 50 NOX
RB1 43 41 200
RB2 40 42 5E3
CB1 99 41 10E-12
CB2 42 50 5E-12
RO1 46 45 2E3
RO2 47 45 500
EO1 98 43 POLY(1) (20,98) 0 1
EO2 40 98 POLY(1) (20,98) 0 1
*
* Q NOT Output
*
Q5
99 61 66 NOX
Q6
67 62 50 NOX
RB3 63 61 200
RB4 60 62 5E3
CB3 99 61 10E-12
CB4 62 50 5E-12
RO3 66 65 2E3
RO4 67 65 500
EO3 63 98 POLY(1) (20,98) 0 1
EO4 98 60 POLY(1) (20,98) 0 1
*
* MODELS
*
.MODEL PIX PNP(BF=100,IS=1E-16)
.MODEL NOX NPN(BF=100,VAF=130,IS=1E-14)
.MODEL DX D(IS=1E-16)
.MODEL SLATCH1 VSWITCH(ROFF=1E6,RON=500,VOFF=2.1,VON=1.4)
.ENDS AD8561
Rev. A


Similar Part No. - AD8561ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561ANZ AD-AD8561ANZ Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
More results

Similar Description - AD8561ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8598 AD-AD8598 Datasheet
137Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
   Quad 7 ns Single Supply Comparator
REV. B
AD8564 AD-AD8564 Datasheet
115Kb / 8P
   Quad 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
   Quad 7 ns Single Supply Comparator
Rev. B
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611 AD-AD8611 Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com