Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8561ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8561ARZ
Description  Ultrafast 7 ns Single Supply Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8561ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8561ARZ Datasheet HTML 1Page - Analog Devices AD8561ARZ Datasheet HTML 2Page - Analog Devices AD8561ARZ Datasheet HTML 3Page - Analog Devices AD8561ARZ Datasheet HTML 4Page - Analog Devices AD8561ARZ Datasheet HTML 5Page - Analog Devices AD8561ARZ Datasheet HTML 6Page - Analog Devices AD8561ARZ Datasheet HTML 7Page - Analog Devices AD8561ARZ Datasheet HTML 8Page - Analog Devices AD8561ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
AD8561
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
17
mV
–40
°C ≤ TA ≤ +85°C8
mV
Offset Voltage Drift
ΔVOS/ΔT4
μV/°C
Input Bias Current
IB
VCM = 0 V
–6
–3
μA
IB
–40
°C ≤ TA ≤ +85°C
–7
–2.5
μA
Input Offset Current
IOS
VCM = 0 V
±4
μA
Input Common-Mode Voltage Range
VCM
–5.0
+3.0
V
Common-Mode Rejection Ratio
CMRR
–5.0 V
≤ VCM ≤ +3.0 V
65
85
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω
3000
V/V
Input Capacitance
CIN
3.0
pF
LATCH ENABLE INPUT
Logic “1” Voltage Threshold
VIH
2.0
1.65
V
Logic “0” Voltage Threshold
VIL
1.60
0.8
V
Logic “1” Current
IIH
VLH = 3.0 V
–1
–0.5
20
μA
Logic “0” Current
IIL
VLL = 0.3 V
–4
–2
20
μA
Latch Enable
Pulsewidth
tPW(E)
6ns
Setup Time
tS
1.0
ns
Hold Time
tH
1.2
ns
DIGITAL OUTPUTS
Logic “1” Voltage
VOH
IOH = –3.2 mA
2.6
3.5
V
Logic “0” Voltage
VOL
IOL = 3.2 mA
0.2
0.3
V
DYNAMIC PERFORMANCE
Propagation Delay
tP
200 mV Step with 100 mV Overdrive
6.5
9.8
ns
–40
°C ≤ TA ≤ +85°C8
13
ns
Propagation Delay
tP
100 mV Step with 5 mV Overdrive
7
ns
Differential Propagation Delay
(Rising Propagation Delay vs.
Falling Propagation Delay)
ΔtP
100 mV Step with 100 mV Overdrive
1
0.5
2
ns
Rise Time
20% to 80%
3.8
ns
Fall Time
80% to 20%
1.5
ns
Dispersion
1ns
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±4.5 V ≤ VCC and VEE ≤ ±5.5 V
55
70
dB
Supply Current
VO = 0 V, RL =
Positive Supply Current
I+
4.7
6.5
mA
–40
°C ≤ TA ≤ +85°C
7.5
mA
Ground Supply Current
IGND
VO = 0 V, RL =
2.2
3.3
mA
–40
°C ≤ TA ≤ +85°C
3.8
mA
Negative Supply Current
I–
2.4
4.5
mA
–40
°C ≤ TA ≤ +85°C
5.5
mA
NOTES
1 Guaranteed by design.
Specifications subject to change without notice.
(@ V+ = +5.0 V, V– = VGND = 0 V, V– = –5 V, TA = +25 C unless otherwise noted)
Rev. A


Similar Part No. - AD8561ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561ARZ AD-AD8561ARZ Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561ARZ-REEL AD-AD8561ARZ-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561ARZ-REEL7 AD-AD8561ARZ-REEL7 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
More results

Similar Description - AD8561ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8598 AD-AD8598 Datasheet
137Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
   Quad 7 ns Single Supply Comparator
REV. B
AD8564 AD-AD8564 Datasheet
115Kb / 8P
   Quad 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
   Quad 7 ns Single Supply Comparator
Rev. B
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611 AD-AD8611 Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com