Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX100D6 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # CMX100D6
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CMX100D6 Datasheet(HTML) 1 Page - Crydom Inc.,

  CMX100D6 Datasheet HTML 1Page - Crydom Inc., CMX100D6 Datasheet HTML 2Page - Crydom Inc., CMX100D6 Datasheet HTML 3Page - Crydom Inc., CMX100D6 Datasheet HTML 4Page - Crydom Inc., CMX100D6 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMX Series
• SIP SSR
• Ratings to 20A @ 60 VDC, 10A @ 100 VDC, 10A @ 60 VDC
and 3A @ 200 VDC
• MOSFET output
• DC control
• Low on-state impedance
• CE Compliant to EN60950-1
PRODUCT SELECTION
Control Voltage
3A
5A
6A
10A
10A
20A
3-10 VDC
CMX200D3
CMX60D5
CMX100D6
CMX60D10
CMX100D10
CMX60D20
20-28 VDC
CMXE200D3
CMXE60D5
CMXE100D6
CMXE60D10
CMXE100D10
CMXE60D20
OUTPUT SPECIFICATIONS (1)(4)
Description
Operating Voltage [VDC]
0-200
0-60
0-100
0-60
0-100
0-60
Maximum Off-State Leakage Current @ Rated Voltage [µAdc]
100
100
100
100 (5)
100
100
Maximum Load Current [Arms]
3
5
6
10
10
20
Minimum Load Current [Arms]
0
0
0
0
0
0
Maximum On-State Resistence [Ohm] (2)
0.20
.10
.040
.018
.010
.0033
Maximum Surge Current (10msec) [Apk]
30
60
100
100
100
200
Maximum On-State Voltage Drop @ Rated Current [VDC]
0.6
0.5
0.24
0.18
0.1
0.1
INPUT SPECIFICATIONS (1)
Description
CMX
CMXE
Control Voltage Range
3.0-10.0 VDC
20-28 VDC
Must Turn On Voltage
3.0 VDC
20 VDC
Must Turn Off Voltage
1 .0 VDC
1 .0 VDC
Typycal Input Current
15 mAdc @ 5 VDC
12 mAdc @ 24 VDC
Nominal Input Impedance
300 Ohm
780 Ohm
Maximum Turn-On Time [msec]
1.0
1.0
Maximum Turn-Off Time [µsec]
300
300
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)(3)
2500 Vrms
Minimum Insulation Resistance (@ 500 VDC)(3)
10
9 Ohm
Maximum Capacitance, Input/Output
15 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-30 to 125°C
Weight (typical)
0.4 oz. (11g)
Encapsulation
Thermally Conductive Epoxy
1) All parameters at 25°C unless otherwise specified.
2) @ rated current (RDS-ON)
3) Dielectric and insulation resistance are measured between input and output
4) Inductive loads should be diode suppressed
5) At 55 Vdc


Similar Part No. - CMX100D6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX100D6 ETC1-CMX100D6 Datasheet
31Kb / 1P
   3-10 Amp 0-60, 0-100 Vdc, 0-200Vdc DC Output SIP
logo
Crydom Inc.,
CMX100D6 CRYDOM-CMX100D6 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMX100D6 CRYDOM-CMX100D6 Datasheet
587Kb / 5P
   PCB Mount
More results

Similar Description - CMX100D6

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com