Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9229-65EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9229-65EBZ
Description  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229-65EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9229-65EBZ Datasheet HTML 1Page - Analog Devices AD9229-65EBZ Datasheet HTML 2Page - Analog Devices AD9229-65EBZ Datasheet HTML 3Page - Analog Devices AD9229-65EBZ Datasheet HTML 4Page - Analog Devices AD9229-65EBZ Datasheet HTML 5Page - Analog Devices AD9229-65EBZ Datasheet HTML 6Page - Analog Devices AD9229-65EBZ Datasheet HTML 7Page - Analog Devices AD9229-65EBZ Datasheet HTML 8Page - Analog Devices AD9229-65EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Quad, 12-Bit, 50/65 MSPS,
Serial, LVDS, 3 V A/D Converter
AD9229
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Four ADCs in 1 package
Serial LVDS digital output data rates
to 780 Mbps (ANSI-644)
Data and frame clock outputs
SNR = 69.5 dB (to Nyquist)
Excellent linearity
DNL = ±0.3 LSB (typical)
INL = ±0.4 LSB (typical)
400 MHz full power analog bandwidth
Power dissipation
1,350 mW at 65 MSPS
985 mW at 50 MSPS
1 V p-p to 2 V p-p input voltage range
3.0 V supply operation
Power-down mode
Digital test pattern enable for timing alignments
APPLICATIONS
Digital beam-forming systems for ultrasound
Wireless and wired broadband communications
Communication test equipment
FUNCTIONAL BLOCK DIAGRAM
AD9229
12
12
12
12
VIN+A
VIN–A
D+A
D–A
SHA
PIPELINE
ADC
SERIAL
LVDS
DATA RATE
MULTIPLIER
REF
SELECT
VIN+B
VIN–B
D+B
D–B
SHA
PIPELINE
ADC
SERIAL
LVDS
VIN+C
VIN–C
D+C
D–C
SHA
PIPELINE
ADC
SERIAL
LVDS
VIN+D
VIN–D
VREF
SENSE
D+D
D–D
0.5V
FCO+
FCO–
DCO+
DCO–
SHA
PIPELINE
ADC
SERIAL
LVDS
REFT
REFB
AGND
CLK
LVDSBIAS
PDWN
DTP
DRVDD
DRGND
Figure 1.
GENERAL DESCRIPTION
The AD9229 is a quad, 12-bit, 65 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit that
is designed for low cost, low power, small size, and ease of use.
The product operates at up to a 65 MSPS conversion rate and is
optimized for outstanding dynamic performance in applications
where a small package size is critical.
The ADC requires a single 3 V power supply and TTL-/CMOS-
compatible sample rate clock for full performance operation.
No external reference or driver components are required for
many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock (DCO) for
capturing data on the output and a frame clock (FCO) trigger
for signaling a new output byte are provided. Power-down is
supported and typically consumes 3 mW when enabled.
Fabricated with an advanced CMOS process, the AD9229 is
available in a Pb-free, 48-lead LFCSP package. It is specified
over the industrial temperature range of –40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Four ADCs are contained in a small, space-saving package.
2.
A data clock out (DCO) is provided, which operates up to
390 MHz and supports double-data rate operation (DDR).
3.
The outputs of each ADC are serialized LVDS with data
rates up to 780 Mbps (12 bits × 65 MSPS).
4.
The AD9229 operates from a single 3.0 V power supply.
5.
Packaged in a Pb-free, 48-lead LFCSP package.
6.
The internal clock duty cycle stabilizer maintains
performance over a wide range of input clock duty cycles.


Similar Part No. - AD9229-65EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229-65EB1 AD-AD9229-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9229-65EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com