Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9640ABCPZ-125 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9640ABCPZ-125
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640ABCPZ-125 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9640ABCPZ-125 Datasheet HTML 3Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 4Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 5Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 6Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 7Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 8Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 9Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 10Page - Analog Devices AD9640ABCPZ-125 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9640
Rev. B | Page 7 of 52
ADC AC SPECIFICATIONS—AD9640ABCPZ-80, AD9640BCPZ-80, AD9640ABCPZ-105, AND AD9640BCPZ-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, fast detect outputs disabled, and signal monitor disabled, unless otherwise noted.
Table 3.
Parameter1
Temperature
AD9640ABCPZ-80/
AD9640BCPZ-80
AD9640ABCPZ-105/
AD9640BCPZ-105
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.3 MHz
25°C
72.5
72.3
dB
fIN = 70 MHz
25°C
72.1
71.9
dB
Full
70.5
70.2
dB
fIN = 140 MHz
25°C
71.6
71.3
dB
fIN = 200 MHz
25°C
71.0
70.3
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.3 MHz
25°C
72.2
72.0
dB
fIN = 70 MHz
25°C
71.6
71.6
dB
Full
69
69.5
dB
fIN = 140 MHz
25°C
71.1
70.9
dB
fIN = 200 MHz
25°C
70.4
70.0
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.3 MHz
25°C
11.9
11.8
Bits
fIN = 70 MHz
25°C
11.8
11.8
Bits
fIN = 140 MHz
25°C
11.7
11.7
Bits
fIN = 200 MHz
25°C
11.6
11.5
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.3 MHz
25°C
−87
−87
dBc
fIN = 70 MHz
25°C
−85
−85
dBc
Full
−75
−74
dBc
fIN = 140 MHz
25°C
−84
−84
dBc
fIN = 200 MHz
25°C
−83
−83
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.3 MHz
25°C
87
87
dBc
fIN = 70 MHz
25°C
85
85
dBc
Full
75
74
dBc
fIN = 140 MHz
25°C
84
84
dBc
fIN = 200 MHz
25°C
83
83
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 2.3 MHz
25°C
−93
−93
dBc
fIN = 70 MHz
25°C
−89
−89
dBc
Full
−82
−81
dBc
fIN = 140 MHz
25°C
−89
−89
dBc
fIN = 200 MHz
25°C
−89
−89
dBc
TWO TONE SFDR
fIN = 29.1 MHz, 32.1 MHz (−7 dBFS)
25°C
85
85
dBc
fIN = 169.1 MHz, 172.1 MHz (−7 dBFS)
25°C
82
82
dBc
CROSSTALK2
Full
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1 See Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and no input on the alternate channel.


Similar Part No. - AD9640ABCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-125 AD-AD9640ABCPZ-125 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Similar Description - AD9640ABCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com