Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG759BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADG759BCPZ
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG759BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADG759BCPZ Datasheet HTML 1Page - Analog Devices ADG759BCPZ Datasheet HTML 2Page - Analog Devices ADG759BCPZ Datasheet HTML 3Page - Analog Devices ADG759BCPZ Datasheet HTML 4Page - Analog Devices ADG759BCPZ Datasheet HTML 5Page - Analog Devices ADG759BCPZ Datasheet HTML 6Page - Analog Devices ADG759BCPZ Datasheet HTML 7Page - Analog Devices ADG759BCPZ Datasheet HTML 8Page - Analog Devices ADG759BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG758/ADG759
Rev. B | Page 5
ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted.
Parameter
Rating
VDD to VSS
7 V
VDD to GND
–0.3 V to +7 V
VSS to GND
+0.3 V to –3.5 V
Analog Inputs1
VSS – 0.3 V to VDD +0.3 V or
30 mA, Whichever Occurs First
Digital Inputs1
–0.3 V to VDD +0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D
100 mA (Pulsed at 1 ms, 10%
Duty Cycle max)
Continuous Current, S or D
30 mA
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
Chip Scale Package,
θJA Thermal Impedance
32°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 Overvoltages at EN, A, S, or D will be clamped by internal diodes. Current
should be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Table I. ADG758 Truth Table
A2
A1
A0
EN
Switch Condition
X
X
X
0
NONE
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
X = Don’t Care
Table II. ADG759 Truth Table
A1
A0
EN
ON Switch Pair
X
X
0
NONE
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
X = Don’t Care
PIN CONFIGURATIONS
14
13
12
1
3
4
VDD
15 GND
S5
S6
11 S7
EN
S1
2
VSS
S2
5
S3
ADG758
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
14
13
12
1
3
4
VDD
15 GND
S1B
S2B
11 S3B
EN
S1A
2
VSS
S2A
5
S3A
ADG759
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.


Similar Part No. - ADG759BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG759BCP AD-ADG759BCP Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com