Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3246BCP Datasheet(PDF) 7 Page - Analog Devices

Part # ADG3246BCP
Description  2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3246BCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG3246BCP Datasheet HTML 3Page - Analog Devices ADG3246BCP Datasheet HTML 4Page - Analog Devices ADG3246BCP Datasheet HTML 5Page - Analog Devices ADG3246BCP Datasheet HTML 6Page - Analog Devices ADG3246BCP Datasheet HTML 7Page - Analog Devices ADG3246BCP Datasheet HTML 8Page - Analog Devices ADG3246BCP Datasheet HTML 9Page - Analog Devices ADG3246BCP Datasheet HTML 10Page - Analog Devices ADG3246BCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADG3246
–7–
DATA RATE – Gbps
0.5 0.6
60
70
80
85
90
95
100
% EYE WIDTH = ((CLOCK PERIOD –
JITTER p-p)/CLOCK PERIOD)
100%
75
65
55
50
0.7 0.8 0.9
1.1 1.2 1.3 1.4 1.5
1.0
VCC = SEL = 3.3V
VIN = 2V p-p
20dB ATTENUATION
TPC 19. Eye Width vs. Data
Rate; PRBS 31
50.1mV/DIV
50ps/DIV
TA = 25 C
20dB
ATTENUATION
VCC = 3.3V
SEL = 3.3V
VIN = 2V p-p
TPC 22. Jitter @ 1.244 Gbps,
PRBS 31
VCC = 3.3V
SEL = 3.3V
VIN = 2V p-p
20dB
ATTENUATION
TA = 25 C
35mV/DIV
100ps/DIV
TPC 20. Eye Pattern; 1.244
Gbps, VCC = 3.3 V, PRBS 31
37mV/DIV
200ps/DIV
VCC = 2.5V
SEL = 2.5V
VIN = 2V p-p
20dB
ATTENUATION
TA = 25 C
TPC 21. Eye Pattern; 1 Gbps,
VCC = 2.5 V, PRBS 31


Similar Part No. - ADG3246BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3246BCP AD-ADG3246BCP Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3246BCPZ-REEL7 AD-ADG3246BCPZ-REEL7 Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
More results

Similar Description - ADG3246BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
ADG3246 AD-ADG3246_V01 Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3247 AD-ADG3247_15 Datasheet
390Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247 AD-ADG3247 Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
ADG3247BRUZ AD-ADG3247BRUZ Datasheet
391Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com