Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3073EYRZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3073EYRZ-REEL7
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3073EYRZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADM3073EYRZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3 V, ±15 kV ESD-Protected, Half- and
Full-Duplex, RS-485/RS-422 Transceivers
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
TIA/EIA RS-485/RS-422 compliant
±15 kV ESD protection on RS-485 input/output pins
Data rates
ADM3070E/ADM3071E/ADM3072E: 250 kbps
ADM3073E/ADM3074E/ADM3075E: 500 kbps
ADM3076E/ADM3077E/ADM3078E: 16 Mbps
Half- and full-duplex options
True fail-safe receiver inputs
Up to 256 nodes on the bus
−40°C to +125°C temperature option
Hot-swap input structure on DE and RE pins
Reduced slew rates for low EMI
Low power shutdown current (all except ADM3071E/
ADM3074E/ADM3077E)
Outputs high-Z when disabled or powered off
Common-mode input range: −7 V to +12 V
Thermal shutdown and short-circuit protection
8-lead and 14-lead narrow SOIC packages
APPLICATIONS
Power/energy metering
Industrial control
Lighting systems
Telecommunications
Security systems
Instrumentation
GENERAL DESCRIPTION
The ADM307xE are 3.3 V, low power data transceivers with
±15 kV ESD protection suitable for full- and half-duplex
communication on multipoint bus transmission lines. They
are designed for balanced data transmission, and they comply
with TIA/EIA standards: RS-485 and RS-422.
The devices have a ⅛ unit load receiver input impedance, which
allows up to 256 transceivers on a bus. Because only one driver
should be enabled at any time, the output of a disabled or powered-
down driver is tristated to avoid overloading the bus.
The receiver inputs have a true fail-safe feature, which eliminates
the need for external bias resistors and ensures a logic high
output level when the inputs are open or shorted. This guar-
antees that the receiver outputs are in a known state before
communication begins and when communication ceases.
FUNCTIONAL BLOCK DIAGRAMS
ADM3070E/
ADM3073E/
ADM3076E
RO
RE
DE
DI
VCC
A
B
Z
Y
GND
R
D
Figure 1.
ADM3071E/
ADM3074E/
ADM3077E
RO
DI
VCC
A
B
Z
Y
GND
R
D
Figure 2.
ADM3072E/
ADM3075E/
ADM3078E
RO
RE
DE
DI
VCC
A
B
GND
D
R
Figure 3.


Similar Part No. - ADM3073EYRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM3073EYRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com