Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2191MKST-160 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-2191MKST-160
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKST-160 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-2191MKST-160 Datasheet HTML 6Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 7Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 8Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 9Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 10Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 11Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 12Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 13Page - Analog Devices ADSP-2191MKST-160 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADSP-2191M
–10–
REV. 0
Programmable Flag (PFx) Pins
The ADSP-2191M has 16 bidirectional, general-purpose I/O,
Programmable Flag (PF15–0) pins. The PF7–0 pins are
dedicated to general-purpose I/O. The PF15–8 pins serve either
as general-purpose I/O pins (if the DSP is connected to an 8-bit
external data bus) or serve as DATA15–8 lines (if the DSP is
connected to a 16-bit external data bus). The Programmable Flag
pins have special functions for clock multiplier selection and for
SPI port operation. For more information, see Serial Peripheral
Interface (SPI) Ports on page 9 and Clock Signals on page 11.
Ten memory-mapped registers control operation of the Program-
mable Flag pins:
• Flag Direction register
Specifies the direction of each individual PFx pin as input
or output.
• Flag Control and Status registers
Specify the value to drive on each individual PFx output
pin. As input, software can predicate instruction
execution on the value of individual PFx input pins
captured in this register. One register sets bits, and one
register clears bits.
• Flag Interrupt Mask registers
Enable and disable each individual PFx pin to function
as an interrupt to the DSP’s core. One register sets bits to
enable interrupt function, and one register clears bits to
disable interrupt function. Input PFx pins function as
hardware interrupts, and output PFx pins function as
software interrupts—latching in the IMASK and IRPTL
registers.
• Flag Interrupt Polarity register
Specifies the polarity (active high or low) for interrupt
sensitivity on each individual PFx pin.
• Flag Sensitivity registers
Specify whether individual PFx pins are level- or
edge-sensitive and specify—if edge-sensitive—whether
just the rising edge or both the rising and falling edges of
the signal are significant. One register selects the type of
sensitivity, and one register selects which edges are signif-
icant for edge-sensitivity.
Low Power Operation
The ADSP-2191M has four low-power options that significantly
reduce the power dissipation when the device operates under
standby conditions. To enter any of these modes, the DSP
executes an IDLE instruction. The ADSP-2191M uses configu-
ration of the PDWN, STOPCK, and STOPALL bits in the
PLLCTL register to select between the low-power modes as the
DSP executes the IDLE. Depending on the mode, an IDLE shuts
off clocks to different parts of the DSP in the different modes.
The low power modes are:
• Idle
• Power-Down Core
• Power-Down Core/Peripherals
• Power-Down All
Idle Mode
When the ADSP-2191M is in Idle mode, the DSP core stops
executing instructions, retains the contents of the instruction
pipeline, and waits for an interrupt. The core clock and peripheral
clock continue running.
To enter Idle mode, the DSP can execute the IDLE instruction
anywhere in code. To exit Idle mode, the DSP responds to an
interrupt and (after two cycles of latency) resumes executing
instructions with the instruction after the IDLE.
Power-Down Core Mode
When the ADSP-2191M is in Power-Down Core mode, the DSP
core clock is off, but the DSP retains the contents of the pipeline
and keeps the PLL running. The peripheral bus keeps running,
letting the peripherals receive data.
To enter Power-Down Core mode, the DSP executes an IDLE
instruction after performing the following tasks:
• Enter a power-down interrupt service routine
• Check for pending interrupts and I/O service routines
• Clear (= 0) the PDWN bit in the PLLCTL register
• Clear (= 0) the STOPALL bit in the PLLCTL register
• Set (= 1) the STOPCK bit in the PLLCTL register
To exit Power-Down Core mode, the DSP responds to an
interrupt and (after two cycles of latency) resumes executing
instructions with the instruction after the IDLE.
Power-Down Core/Peripherals Mode
When the ADSP-2191M is in Power-Down Core/Peripherals
mode, the DSP core clock and peripheral bus clock are off, but
the DSP keeps the PLL running. The DSP does not retain the
contents of the instruction pipeline.The peripheral bus is
stopped, so the peripherals cannot receive data.
To enter Power-Down Core/Peripherals mode, the DSP executes
an IDLE instruction after performing the following tasks:
• Enter a power-down interrupt service routine
• Check for pending interrupts and I/O service routines
• Clear (= 0) the PDWN bit in the PLLCTL register
• Set (= 1) the STOPALL bit in the PLLCTL register
To exit Power-Down Core/Peripherals mode, the DSP responds
to a wake-up event and (after five to six cycles of latency) resumes
executing instructions with the instruction after the IDLE.
Power-Down All Mode
When the ADSP-2191M is in Power-Down All mode, the DSP
core clock, the peripheral clock, and the PLL are all stopped. The
DSP does not retain the contents of the instruction pipeline. The
peripheral bus is stopped, so the peripherals cannot receive data.
To enter Power-Down All mode, the DSP executes an IDLE
instruction after performing the following tasks:
• Enter a power-down interrupt service routine
• Check for pending interrupts and I/O service routines
• Set (= 1) the PDWN bit in the PLLCTL register


Similar Part No. - ADSP-2191MKST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MKST-160 AD-ADSP-2191MKST-160 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191MKST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com