Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2191MKCA-160 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-2191MKCA-160
Description  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKCA-160 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-2191MKCA-160 Datasheet HTML 1Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 2Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 3Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 4Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 5Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 6Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 7Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 8Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
–5–
REV. 0
ADSP-2191M
Three programmable interval timers generate periodic inter-
rupts. Each timer can be independently set to operate in one of
three modes:
• Pulse Waveform Generation mode
• Pulsewidth Count/Capture mode
• External Event Watchdog mode
Each timer has one bidirectional pin and four registers that
implement its mode of operation: A 7-bit configuration register,
a 32-bit count register, a 32-bit period register, and a 32-bit
pulsewidth register. A single status register supports all three
timers. A bit in each timer’s configuration register enables or
disables the corresponding timer independently of the others.
Memory Architecture
The ADSP-2191M DSP provides 64K words of on-chip SRAM
memory. This memory is divided into four 16K blocks located
on memory Page 0 in the DSP’s memory map. In addition to the
internal and external memory space, the ADSP-2191M can
address two additional and separate off-chip memory spaces: I/O
space and boot space.
As shown in Figure 2, the DSP’s two internal memory blocks
populate all of Page 0. The entire DSP memory map consists of
256 pages (Pages 0
−255), and each page is 64K words long.
External memory space consists of four memory banks (banks
0–3) and supports a wide variety of SRAM memory devices. Each
bank is selectable using the memory select pins (
MS3–0) and has
configurable page boundaries, waitstates, and waitstate modes.
The 1K word of on-chip boot-ROM populates the top of
Page 255 while the remaining 254 pages are addressable off-chip.
I/O memory pages differ from external memory pages in that I/O
pages are 1K word long, and the external I/O pages have their
own select pin (
IOMS). Pages 0–7 of I/O memory space reside
on-chip and contain the configuration registers for the peripher-
als. Both the core and DMA-capable peripherals can access the
DSP’s entire memory map.
Internal (On-Chip) Memory
The ADSP-2191M’s unified program and data memory space
consists of 16M locations that are accessible through two 24-bit
address buses, the PMA and DMA buses. The DSP uses slightly
Figure 2. Memory Map
BANK3
(MS3)
BANK2
(MS2)
BANK1
(MS1)
BANK0
(MS0)
BLOCK0, 24-BIT
BLOCK2, 16-BIT
BLOCK1, 24-BIT
BLOCK3, 16-BIT
RESERVED
BOOT ROM, 24-BIT
0 00 4000
0 00 8000
0 01 0000
0 40 0000
0 80 0000
0 C0 0000
0 FF 0000
0 FF 0400
0 FF FFFF
LOGICAL
ADDRESS
64K WORD
MEMORY
PAGES
PAGE 0
PAGES 1–63
PAGES 64–127
PAGES 128–191
PAGES 192–254
PAGE 255
INTERNAL
MEMORY
EXTERNAL
MEMORY
(16- BIT)
INTERNAL
MEMORY
MEMORY SELECTS
(MS)
FOR PORTIONS OF THE
MEMORY MAP APPEAR
WITH THE SELECTED
MEMORY.
PAGES 1–254
0 01 0000
0 FE FFFF
I/O MEMORY
16- BIT
1K WORD
PAGES 8–255
1K WORD
PAGES 0–7
LOWER PAGE BOUNDARIES
ARE CONFIGURABLE FOR
BANKS OF EXTERNAL MEMORY.
BOUNDARIES SHOWN ARE
BANK SIZES AT RESET.
0 07 3FF
0 08 000
0 FF 3FF
INTERNAL
EXTERNAL
(IOMS)
0 00 0000
0 00 C000
0 FF 03FF
0 00 000
8-BIT 10-BIT
BOOT MEMORY
16-BIT
(BMS)
64K WORD
LOGICAL
ADDRESS
LOGICAL
ADDRESS


Similar Part No. - ADSP-2191MKCA-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MKCA-160 AD-ADSP-2191MKCA-160 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191MKCA-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com