Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21367BSWZ-1A Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21367BSWZ-1A
Description  SHARC Processors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21367BSWZ-1A Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21367BSWZ-1A Datasheet HTML 1Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 2Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 3Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 4Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 5Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 6Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 7Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 8Page - Analog Devices ADSP-21367BSWZ-1A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADSP-21367/ADSP-21368/ADSP-21369
Rev. E
|
Page 3 of 60
|
July 2009
GENERAL DESCRIPTION
The ADSP-21367/ADSP-21368/ADSP-21369 SHARC
® proces-
sors are members of the SIMD SHARC family of DSPs that
feature Analog Devices’ Super Harvard Architecture. These pro-
cessors are source code-compatible with the ADSP-2126x and
ADSP-2116x DSPs as well as with first generation ADSP-2106x
SHARC processors in SISD (single-instruction, single-data)
mode. The processors are 32-bit/40-bit floating-point proces-
sors optimized for high performance automotive audio
applications with its large on-chip SRAM, mask programmable
ROM, multiple internal buses to eliminate I/O bottlenecks, and
an innovative digital applications interface (DAI).
As shown in the functional block diagram on Page 1, the
processors use two computational units to deliver a significant
performance increase over the previous SHARC processors on a
range of DSP algorithms. Fabricated in a state-of-the-art, high
speed, CMOS process, the ADSP-21367/ADSP-21368/
ADSP-21369 processors achieve an instruction cycle time of up
to 2.5 ns at 400 MHz. With its SIMD computational hardware,
the processors can perform 2.4 GFLOPS running at 400 MHz.
Table 1 shows performance benchmarks for these devices.
The diagram on Page 1 shows the two clock domains that make
up the ADSP-21367/ADSP-21368/ADSP-21369 processors. The
core clock domain contains the following features.
• Two processing elements (PEx, PEy), each of which com-
prises an ALU, multiplier, shifter, and data register file
• Data address generators (DAG1, DAG2)
• Program sequencer with instruction cache
• PM and DM buses capable of supporting 2x64-bit data
transfers between memory and the core at every core pro-
cessor cycle
• One periodic interval timer with pinout
•On-chip SRAM (2M bit)
•On-chip mask-programmable ROM (6M bit)
• JTAG test access port for emulation and boundary scan.
The JTAG provides software debug through user break-
points which allows flexible exception handling.
Table 1. Processor Benchmarks (at 400 MHz)
Benchmark Algorithm
Speed
(at 400 MHz)
1024 Point Complex FFT (Radix 4, with reversal) 23.2
μs
FIR Filter (per tap)1
1 Assumes two files in multichannel SIMD mode.
1.25 ns
IIR Filter (per biquad)1
5.0 ns
Matrix Multiply (pipelined)
[3×3] × [3×1]
[4×4] × [4×1]
11.25 ns
20.0 ns
Divide (y/x)
8.75 ns
Inverse Square Root
13.5 ns
Table 2. ADSP-2136x Family Features1
Feature
Frequency
400 MHz
RAM
2M bits
ROM
2
6M bits
Audio Decoders in ROM
Yes
Pulse-Width Modulation
Yes
S/PDIF
Yes
SDRAM Memory Bus Width
32/16 bits
Serial Ports
8
IDP
Yes
DAI
Yes
UART
2
DAI and DPI
Yes
S/PDIF Transceiver
1
AMI Interface Bus Width
32/16/8 bits
SPI
2
TWI
Yes
SRC Performance
128 dB
Package
256 Ball-
BGA,
208-Lead
LQFP_EP
256 Ball-
BGA
256 Ball-
BGA,
208-Lead
LQFP_EP
1 W = Automotive grade product. See Automotive Products on Page 58 for more
information.
2 Audio decoding algorithms include PCM, Dolby Digital EX, Dolby Prologic IIx,
DTS 96/24, Neo:6, DTS ES, MPEG-2 AAC, MP3, and functions like bass
management, delay, speaker equalization, graphic equalization, and more.
Decoder/post-processor algorithm combination support varies depending upon
the chip version and the system configurations. Please visit www.analog.com for
complete information.
Table 2. ADSP-2136x Family Features1 (Continued)
Feature


Similar Part No. - ADSP-21367BSWZ-1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367BBP-2A AD-ADSP-21367BBP-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367BBPZ-2A AD-ADSP-21367BBPZ-2A Datasheet
1Mb / 56P
   SHARC Processors
REV. A
More results

Similar Description - ADSP-21367BSWZ-1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com