Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45520 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP45520
Description  ecoSWITCH Advanced Load Management Controlled Load Switch with Low RON
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45520 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP45520 Datasheet HTML 1Page - ON Semiconductor NCP45520 Datasheet HTML 2Page - ON Semiconductor NCP45520 Datasheet HTML 3Page - ON Semiconductor NCP45520 Datasheet HTML 4Page - ON Semiconductor NCP45520 Datasheet HTML 5Page - ON Semiconductor NCP45520 Datasheet HTML 6Page - ON Semiconductor NCP45520 Datasheet HTML 7Page - ON Semiconductor NCP45520 Datasheet HTML 8Page - ON Semiconductor NCP45520 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP45520, NCP45521
http://onsemi.com
5
APPLICATIONS INFORMATION
Enable Control
Both the NCP45520 and the NCP45521 have two part
numbers, NCP4552x-H and NCP4552x-L, that only differ
in the polarity of the enable control.
The NCP4552x-H devices allow for enabling the
MOSFET in an active-high configuration. When the VCC
supply pin has an adequate voltage applied and the EN pin
is at a logic high level, the MOSFET will be enabled.
Similarly, when the EN pin is at a logic low level, the
MOSFET will be disabled. An internal pull down resistor to
ground on the EN pin ensures that the MOSFET will be
disabled when not being driven.
The NCP4552x-L devices allow for enabling the
MOSFET in an active-low configuration. When the VCC
supply pin has an adequate voltage applied and the EN pin
is at a logic low level, the MOSFET will be enabled.
Similarly, when the EN pin is at a logic high level, the
MOSFET will be disabled. An internal pull up resistor to
VCC on the EN pin ensures that the MOSFET will be
disabled when not being driven.
Power Sequencing
The NCP4552x devices will function with any power
sequence, but the output turn−on delay performance may
vary from what is specified. To achieve the specified
performance, there are two recommended power sequences:
1) VCC → VIN → VEN
2) VIN → VCC → VEN
Load Bleed (Quick Discharge)
The NCP4552x devices have an internal bleed resistor,
RBLEED, which is used to bleed the charge off of the load to
ground after the MOSFET has been disabled. In series with
the bleed resistor is a bleed switch that is enabled whenever
the MOSFET is disabled. The MOSFET and the bleed
switch are never concurrently active.
It is required that the BLEED pin be connected to VOUT
either directly (as shown in Figures 4 and 7) or through an
external resistor, REXT (as shown in Figures 3 and 6). REXT
should not exceed 1 k
W and can be used to increase the total
bleed resistance.
Care must be taken to ensure that the power dissipated
across RBLEED is kept at a safe level. REXT can be used to
decrease the amount of power dissipated across RBLEED.
Power Good
The NCP45520 devices have a power good output (PG)
that can be used to indicate when the gate of the MOSFET
is fully charged. The PG pin is an active-high, open-drain
output that requires an external pull up resistor, RPG, greater
than or equal to 1 k
W to an external voltage source, VTERM,
that is compatible with input levels of all devices connected
to this pin (as shown in Figures 3 and 4).
The power good output can be used as the enable signal for
other active−high devices in the system (as shown in
Figure 5). This allows for guaranteed by design power
sequencing and reduces the number of enable signals needed
from the system controller. If the power good feature is not
used in the application, the PG pin should be tied to GND.
Slew Rate Control
The NCP4552x devices are equipped with controlled
output slew rate which provides soft start functionality. This
limits the inrush current caused by capacitor charging and
enables these devices to be used in hot swap applications.
The slew rate of the NCP45521 can be decreased with an
external capacitor added between the SR pin and ground (as
shown in Figures 6 and 7). With an external capacitor
present, the slew rate can be determined by the following
equation:
Slew Rate +
KSR
CSR
[V s]
(eq. 1)
where KSR is the specified slew rate control constant, found
in Table 4, and CSR is the slew rate control capacitor added
between the SR pin and ground. The slew rate of the device
will always be the lower of the default slew rate and the
adjusted slew rate. Therefore, if the CSR is not large enough
to decrease the slew rate more than the specified default
value, the slew rate of the device will be the default value.
The SR pin can be left floating if the slew rate does not need
to be decreased.
Short−Circuit Protection
The NCP4552x devices are equipped with short−circuit
protection that is used to help protect the part and the system
from a sudden high−current event, such as the output, VOUT,
being shorted to ground. This circuitry is only active when
the gate of the MOSFET is fully charged.
Once active, the circuitry monitors the difference in the
voltage on the VIN pin and the voltage on the BLEED pin.
In order for the VOUT voltage to be monitored through the
BLEED pin, it is required that the BLEED pin be connected
to VOUT either directly (as shown in Figures 4 and 7) or
through a resistor, REXT (as shown in Figures 3 and 6),
which should not exceed 1 k
W. With the BLEED pin
connected to VOUT, the short−circuit protection is able to
monitor the voltage drop across the MOSFET.
If the voltage drop across the MOSFET is greater than or
equal to the short−circuit protection threshold voltage, the
MOSFET is immediately turned off and the load bleed is
activated. The part remains latched in this off state until EN
is toggled or VCC supply voltage is cycled, at which point the
MOSFET will be turned on in a controlled fashion with the
normal output turn−on delay and slew rate. The current
through the MOSFET that will cause a short−circuit event
can be calculated by dividing the short−circuit protection
threshold by the expected on−resistance of the MOSFET.
Thermal Shutdown
The thermal shutdown of the NCP4552x devices protects
the part from internally or externally generated excessive


Similar Part No. - NCP45520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
NCP45520 ONSEMI-NCP45520 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-H ONSEMI-NCP45520IMNTWG-H Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWG-L ONSEMI-NCP45520IMNTWG-L Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45520IMNTWGH ONSEMI-NCP45520IMNTWGH Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
More results

Similar Description - NCP45520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45732 ONSEMI-NCP45732 Datasheet
249Kb / 13P
   ecoSwitch Advanced Load Management Controlled Load Switch with Low RON
April, 2022 - Rev. 0
NCP45770 ONSEMI-NCP45770 Datasheet
171Kb / 11P
   ecoSwitch Advanced Load Management Controlled Load Switch with Ultra Low RON
August, 2020 ??Rev. 4
NCP45524 ONSEMI-NCP45524 Datasheet
140Kb / 10P
   Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 0
NCP45560 ONSEMI-NCP45560_18 Datasheet
172Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45560IMNTWG-H ONSEMI-NCP45560IMNTWG-H Datasheet
171Kb / 13P
   ecoSWITCH Advanced Load Management
November, 2013 ??Rev. 1
NCP4545 ONSEMI-NCP4545 Datasheet
201Kb / 11P
   ecoSwitch Advanced Load Management
November, 2016 ??Rev. 2
NCP45521IMNTWG-H ONSEMI-NCP45521IMNTWG-H Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
NCP4545IMNTWG ONSEMI-NCP4545IMNTWG Datasheet
246Kb / 10P
   ecoSwitch Advanced Load Management
January, 2012 ??Rev. 1
NCP45750 ONSEMI-NCP45750 Datasheet
180Kb / 11P
   ecoSwitch Advanced Load Management
May, 2020 ??Rev. 3
NCP4543 ONSEMI-NCP4543_16 Datasheet
207Kb / 10P
   Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com