Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7510BSTZ-P Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7510BSTZ-P
Description  Deep Color HDMI 1.3 Transmitter with CEC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7510BSTZ-P Datasheet(HTML) 1 Page - Analog Devices

  ADV7510BSTZ-P Datasheet HTML 1Page - Analog Devices ADV7510BSTZ-P Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Deep Color HDMI 1.3 Transmitter with CEC
ADV7510
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.
FEATURES
General
Incorporates HDMI (v.1.3 with Deep Color, x.v.Color)
225 MHz supports 12-bit Deep Color operation in all video
formats up to 1080p
Supports Gamut Metadata Packet transmission
Integrated CEC buffer/controller
Compatible with DVI v.1.0, and HDCP v.1.3
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
Programmable two-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU656-based embedded syncs
Auto input video format timing detection (CEA-861-D)
Digital audio
Supports standard S/PDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C master to perform HDCP operations
and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting S/PDIF and I2S
On-chip MPU reports HDMI events through interrupts and
registers
FUNCTIONAL BLOCK DIAGRAM
I2C
SLAVE
I2C
MASTER
SDA
SCL
INT
HPD
TX0+/TX0–
TX1+/TX1–
TX2+/TX2–
TXC+/TXC–
DDCSDA
DDCSCL
ADV7510
TMDS
OUTPUTS
CEC_IN/
CEC_CLK
CEC CONTROLLER/
BUFFER
SPDIF
DSD_CLK
DSD[5:0]
I2S[3:0]
MCLK
LRCLK
SCLK
AUDIO
DATA
CAPTURE
D[35:0]
VSYNC
HSYNC
DE
CLK
VIDEO
DATA
CAPTURE
REGISTERS
AND
CONFIG.
LOGIC
4:2:2
4:4:4
AND
COLOR
SPACE
CONVERTER
HDCP
AND EDID
MICROCONTROLLER
HDCP KEYS
HDCP
ENCRYPTION
Figure 1.
GENERAL DESCRIPTION
The ADV7510 is a 225 MHz High Definition Multimedia Interface
(HDMI™) transmitter, which is ideal for home entertainment
products including DVD players/recorders, digital set top boxes,
A/V receivers, gaming consoles, and PCs.
The digital video interface contains an HDMI and a DVI v.1.0-
compatible transmitter, and supports all HDTV formats (including
1080p with 12-bit Deep Color). The ADV7510 also supports
x.v.Color™, high bit rate audio, digital theater sound (DTS), and
programmable AVI InfoFrames features.
With the inclusion of HDCP, the ADV7510 allows the secure
transmission of protected content as specified by the HDCP
v.1.3 protocol.
The ADV7510 supports both S/PDIF and 8-channel I2S audio.
Its high fidelity 8-channel I2S can transmit either stereo or 7.1
surround audio up to 768 kHz. The S/PDIF can carry compressed
audio including Dolby® Digital, DTS®, and THX®.
Fabricated in an advanced CMOS process, the ADV7510 is
provided in a 100-lead LQFP surface-mount plastic package
and is specified over the 0°C to +85°C temperature range.
For more information about the ADV7510, email: flatpanel_apps@analog.com.


Similar Part No. - ADV7510BSTZ-P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
More results

Similar Description - ADV7510BSTZ-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
TDA9984A PHILIPS-TDA9984A Datasheet
192Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
logo
Analog Devices
ADV7614 AD-ADV7614 Datasheet
91Kb / 2P
   12-Bit Deep Color Quad HDMI 1.3 Receiver
Rev. Sp0
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7614BBCZ AD-ADV7614BBCZ Datasheet
330Kb / 20P
   12-Bit Deep Color with Quad HDMI Receiver
REV. C
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com