Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP367DPMEBTBG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP367DPMEBTBG
Description  Battery Charge Front-End Protection, USB and AC/DC Supply Compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP367DPMEBTBG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP367DPMEBTBG Datasheet HTML 5Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 6Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 7Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 8Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 9Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 10Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 11Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 12Page - ON Semiconductor NCP367DPMEBTBG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP367
http://onsemi.com
10
to this option, both fast charge or USB charge are
authorized with the same device.
Figure 12. IOCP versus RLIM, GS = low and high,
1.5 A version
0
500
1000
1500
0
100
200
300
400
500
600
700
800
Rilim(kW)
GS = High
GS = Low
0
1
2
3
0
100
200
300
400
500
600
700
800
GS = Low
GS = High
Figure 13. Over Current Threshold versus
RLIMIT 2.85 A Version
Rilim (kW)
Typical RLIM calculation is following:
NCP367DxMUxxTBG
RLIM (kW) = 249 / IOCP − 165
NCP367OxMUxxTBG
RLIM (kW) = 532 / IOCP − 180
During overcurrent event, charge area is opened and
FLAG output is tied to low, allowing the
mController to take
into account the fault event and then open the charge path.
At power up (accessory is plugged on input pins), the
current is limited up to ILIM during 1.8 ms (typical), to
allow capacitor charge and limit inrush current. If the ILIM
threshold is exceeded over 1.8 ms, the device enter in OCP
burst mode until the overcurrent event disappears.
VBAT Sense
The connection of the VBAT pin to the positive
connection of the Li ion battery pack allows preventing
overvoltage transient, greater than 4.35 V. In case of wrong
charger conditions, the PMOS is then opened, eliminating
Battery pack over voltage which could create safety issues
and temperature increasing.
The 4.35 V comparator has a 150 mV built−in hysteresis.
More of that, deglitch function of 2 ms is integrated to
prevent voltage transients on the Battery voltage. If the
battery over voltage condition exceeds deglitch time, the
charge path is opened and FLAG pin is tied to low level
until the VBAT is greater than 4.35 V – hysteresis.
At wall adapter insertion, and if the battery is fully
charged, Vbat comparator stays locked until battery needs
to be recharged (4.2 V typ − 4.1 V min).
A serial resistor has to be placed in series with Vbat pin
and battery connection, with a 200 k
W recommended
value.
PCB Recommendations
The NCP367 integrates low RDS(on) PMOS FET,
nevertheless PCB layout rules must be respected to
properly evacuate the heat out of the silicon. The DFN
PAD1 corresponds to the PMOS drain so must be connected
to OUT plane to increase the heat transfer. Of course, in any
case, this pad shall be not connected to any other potential.
Following figure shows package thermal resistance of a
DFN 2.2x2 mm.


Similar Part No. - NCP367DPMEBTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367DPMEBTBG ONSEMI-NCP367DPMEBTBG Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
More results

Similar Description - NCP367DPMEBTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367 ONSEMI-NCP367_15 Datasheet
409Kb / 13P
   Battery Charge Front-End Protection
February, 2015 ??Rev. 11
logo
Shenzhen Huazhimei Semi...
HM9519 HMSEMI-HM9519 Datasheet
3Mb / 12P
   Battery Charge Front-End Full Protection
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
   AC/DC Front End Power Supply
D1U4CS MURATA-PS-D1U4CS Datasheet
202Kb / 6P
   AC/DC Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com