Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7612BSWZ-P Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7612BSWZ-P
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ-P Datasheet(HTML) 2 Page - Analog Devices

  ADV7612BSWZ-P Datasheet HTML 1Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 2Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 3Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 4Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 5Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 6Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 7Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 8Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADV7612
Data Sheet
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
General Description ......................................................................... 3
Detailed Functional Block Diagram .......................................... 3
Specifications..................................................................................... 4
Electrical Characteristics............................................................. 4
Data and I2C Timing Characteristics......................................... 5
Absolute Maximum Ratings............................................................ 7
Package Thermal Performance................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Power Supply Sequencing.............................................................. 11
Power-Up Sequence ................................................................... 11
Power-Down Sequence.............................................................. 11
Functional Overview...................................................................... 12
HDMI Receiver........................................................................... 12
Component Processor ............................................................... 12
Other Features ............................................................................ 12
Pixel Input/Output Formatting .................................................... 13
Pixel Data Output Modes Features .......................................... 13
Outline Dimensions....................................................................... 17
Ordering Guide .......................................................................... 17
Automotive Products................................................................. 17
REVISION HISTORY
5/12—Rev. C to Rev. D
Changes to Features Section............................................................ 1
Changes to General Description Section and Figure 2 ............... 3
Added Endnote 3 (Table 1) ............................................................. 4
Deleted TDM Serial Timing Parameter (Table 2)........................ 5
Changes to Figure 5.......................................................................... 6
Deleted Figure 6................................................................................ 7
Changed Pin 75 to AP1 in Figure 7 and Table 4........................... 9
Changed Pin 89 and Pin 90 Descriptions (Table 4) ................... 10
Changes to HDMI Receiver and Other Features Sections........ 12
Deleted Time-Division Multiplexed (TDM) Mode Section
and Figure 9..................................................................................... 13
Added Endnote 1 in Pixel Input/Output Formatting Section and
Endnote 1 to Table 5....................................................................... 15
Changes to Ordering Guide .......................................................... 18
6/11—Rev. B to Rev. C
Changes to Figure 7.......................................................................... 9
Updated Outline Dimensions....................................................... 19
6/11—Rev. A to Rev. B
Changes to Data Output Transition Time (t11), Table 2 .............. 5
Changes to Pin 17 and Pin 18 Description, Table 4................... 10
Changes to Pin 87 and Pin 89 Description, Table 4................... 11
4/11—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Changes to Ordering Guide .......................................................... 19
Added Automotive Products Section........................................... 19
11/10—Revision 0: Initial Version


Similar Part No. - ADV7612BSWZ-P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Similar Description - ADV7612BSWZ-P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com