Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT651T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # PZT651T1G
Description  NPN Silicon Planar Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT651T1G Datasheet(HTML) 2 Page - ON Semiconductor

  PZT651T1G Datasheet HTML 1Page - ON Semiconductor PZT651T1G Datasheet HTML 2Page - ON Semiconductor PZT651T1G Datasheet HTML 3Page - ON Semiconductor PZT651T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZT651
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
60
Vdc
Collector−Emitter Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
80
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Base−Emitter Cutoff Current
(VEB = 4.0 Vdc)
IEBO
0.1
mAdc
Collector−Base Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
100
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 50 mAdc, VCE = 2.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
(IC = 2.0 Adc, VCE = 2.0 Vdc)
hFE
75
75
75
40
Collector−Emitter Saturation Voltages
(IC = 2.0 Adc, IB = 200 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
0.5
0.3
Vdc
Base−Emitter Voltages
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
Base−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 100 mAdc)
VBE(sat)
1.2
Vdc
Current−Gain — Bandwidth
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
75
MHz
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle = 2.0%


Similar Part No. - PZT651T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT651T1G ONSEMI-PZT651T1G Datasheet
136Kb / 4P
   NPN Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 7
PZT651T1G ONSEMI-PZT651T1G Datasheet
64Kb / 4P
   NPN Silicon Planar Epitaxial Transistor
December, 2016 ??Rev. 10
More results

Similar Description - PZT651T1G

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com