Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

506FSR300XG6BF Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 506FSR300XG6BF
Description  55C Radial lead Photoflash aluminum electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

506FSR300XG6BF Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  506FSR300XG6BF Datasheet HTML 1Page - Illinois Capacitor, Inc. 506FSR300XG6BF Datasheet HTML 2Page - Illinois Capacitor, Inc. 506FSR300XG6BF Datasheet HTML 3Page - Illinois Capacitor, Inc. 506FSR300XG6BF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FSR
+55°C, photoflash Radial lead
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
140
360
147FSR360XTAD
0.632
140
12.5x35
140
360
147FSR360XJAC
0.632
140
13x34
140
360
147FSR360XPAJ
0.632
140
13.5x32
140
360
147FSR360XQJK
0.632
140
14x29
160
300
167FSR300XHAB
0.553
160
12x31
160
300
167FSR300XJJK
0.553
160
13x29
160
300
167FSR300XKJB
0.553
160
16x21
160
300
167FSR300XPJS
0.553
160
13.5x27
160
300
167FSR300XQJD
0.553
160
14x25
160
300
167FSR300XRJA
0.553
160
14.5x23
160
300
167FSR300XTAG
0.553
160
12.5x30
160
300
187FSR300XKJA
0.491
160
16x23
160
310
167FSR310XBCJ
0.553
160
11x42
160
310
167FSR310XPJF
0.553
160
13.5x28
160
310
167FSR310XQJW
0.553
160
14x26
160
310
167FSR310XRJC
0.553
160
14.5x24
160
310
167FSR330XHAA
0.553
160
12x33
160
310
167FSR330XJAB
0.553
160
13x31
160
310
167FSR330XKJJ
0.553
160
16x22
160
310
167FSR330XTAJ
0.553
160
12.5x32
160
310
167FSR330XPJK
0.553
160
13.5x29
160
310
167FSR330XQJS
0.553
160
14x27
160
310
167FSR330XRJD
0.553
160
14.5x25
160
310
167FSR310XTAB
0.553
160
12.5x31
160
310
167FSR330XBCC
0.553
160
11x44
160
310 167FSR330XG6CF
0.553
160
10.6x48
160
310 167FSR310XG6CW 0.553
160
10.6x46
160
310
167FSR310XHAJ
0.553
160
12x32
160
310
167FSR310XJAG
0.553
160
13x30
160
360
167FSR360XPAW
0.553
160
13.5x36
160
360
167FSR360XQAA
0.553
160
14x33
160
360
167FSR360XRAB
0.553
160
14.5x31
160
360
167FSR360XHCB
0.553
160
12x41
160
360
167FSR360XJAF
0.553
160
13x38
160
360
167FSR360XTAK
0.553
160
12.5x39
180
300
187FSR300XBCD
0.491
160
11x45
180
300
187FSR300XHAC
0.491
160
12x34
180
300
187FSR300XPAG
0.491
180
13.5x30
180
300
187FSR300XQJS
0.491
180
14x27
180
300
187FSR300XRJW
0.491
180
14.5x26
180
300
187FSR300XTAA
0.491
180
12.5x33
180
300
187FSR300XJAJ
0.491
160
13x32
180
300
187FSR300XLJJ
0.491
180
18x22
180
310
187FSR330XPAJ
0.491
180
13.5x32
180
310
187FSR330XQJK
0.491
180
14x29
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
180
310
187FSR330XRJF
0.491
180
14.5x28
180
310
187FSR310XBCS
0.491
180
11x47
180
310
187FSR310XHAD
0.491
180
12x35
180
310
187FSR330XJAC
0.491
180
13x34
180
310
187FSR330XKJD
0.491
180
16x25
180
310
187FSR330XLJA
0.491
180
18x23
180
310
187FSR310XPAG
0.491
180
13.5x30
180
310
187FSR310XQJF
0.491
180
14x28
180
310
187FSR310XRJS
0.491
180
14.5x27
180
310
187FSR330XTAD
0.491
180
12.5x35
180
310
187FSR310XJAA
0.491
180
13x33
180
310
187FSR310XKJC
0.491
180
16x24
180
310
187FSR310XLJJ
0.491
180
18x22
180
310
187FSR310XTAC
0.491
180
12.5x34
180
310
187FSR330XBCF
0.491
180
11x48
180
310
187FSR330XHAS
0.491
180
12x37
180
360
187FSR360XHCD
0.491
180
12x45
180
360
187FSR360XJCJ
0.491
180
13x42
180
360
187FSR360XTCC
0.491
180
12.5x44
180
360
187FSR360XPAK
0.491
180
13.5x39
180
360
187FSR360XQAW
0.491
180
14x36
180
360
187FSR360XRAC
0.491
180
14.5x34
200
360
207FSR360XPCA
0.442
200
13.5x43
200
360
207FSR360XQCG
0.442
200
14x40
200
360
207FSR360XRAF
0.442
200
14.5x38
200
360
207FSR360XJCW
0.442
200
13x46
200
360
207FSR360XKAW
0.442
200
16x36
200
360
207FSR360XTCF
0.442
200
12.5x48
220
360
227FSR360XJDG
0.402
220
13x50
220
360
227FSR360XKAF
0.402
220
16x38
220
360
227FSR360XPCS
0.402
220
13.5x47
220
360
227FSR360XQCJ
0.402
220
14x42
220
360
227FSR360XRCG
0.402
220
14.5x40
250
360
257FSR360XRCC
0.354
250
14.5x44
250
360
257FSR360XKCJ
0.354
250
16x42
250
360
257FSR360XLAS
0.354
250
18x37
250
360
257FSR360XQCS
0.354
250
14x47
270
360
277FSR360XKCW
0.327
270
16x46
270
360
277FSR360XLAK
0.327
270
18x39
270
360
277FSR360XQDG
0.327
270
14x50
270
360
277FSR360XRCF
0.327
270
14.5x48
300
360
307FSR360XKCF
0.295
300
16x48
300
360
307FSR360XLCA
0.295
300
18x43
300
360
307FSR360XMAJ
0.295
300
20x32


Similar Part No. - 506FSR300XG6BF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
506FSR300XG6BF ILLINOISCAPACITOR-506FSR300XG6BF Datasheet
304Kb / 4P
   Reduced case size - High voltage ??Low Leakage ??low dissipation
506FSR300XG6BF ILLINOISCAPACITOR-506FSR300XG6BF Datasheet
108Kb / 1P
   Photoflash Aluminum electropolytic capacitors
More results

Similar Description - 506FSR300XG6BF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227FSB330XBD ILLINOISCAPACITOR-227FSB330XBD Datasheet
533Kb / 2P
   55C Photoflash Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com