Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

157TXK200M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 157TXK200M
Description  5000 hour Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157TXK200M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  157TXK200M Datasheet HTML 1Page - Illinois Capacitor, Inc. 157TXK200M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TXK
+105°C, High Voltage Low
Impedance Long Life, 5000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
3.3
450
335TXK450M
120.572
4.47
150
10x20
4.7
450
475TXK450M
84.657
3.77
190
12.5x20
10
250
106TXK250M
24.868
3.18
240
10x20
10
350
106TXK350M
39.789
2.94
220
10x20
10
400
106TXK400M
39.789
2.94
290
10x20
10
450
106TXK450M
39.789
2.95
300
12.5x25
22
160
226TXK160M
11.304
1.47
350
10x20
22
200
226TXK200M
11.304
1.47
350
10x20
22
250
226TXK250M
11.304
1.74
380
12.5x20
22
350
226TXK350M
18.086
1.6
340
12.5x20
22
400
226TXK400M
18.086
1.6
460
12.5x25
22
450
226TXK450M
18.086
1.61
450
16x25
33
160
336TXK160M
7.536
1.15
430
10x20
33
200
336TXK200M
7.536
1.15
460
12.5x20
33
250
336TXK250M
7.536
1.35
510
12.5x25
33
350
336TXK350M
12.057
1.25
460
12.5x25
33
400
336TXK400M
12.057
1.25
620
12.5x25
33
450
336TXK450M
12.057
1.25
620
16x31.5
47
160
476TXK160M
5.291
0.92
550
12.5x20
47
200
476TXK200M
5.291
0.92
550
12.5x20
47
250
476TXK250M
5.291
1.08
610
12.5x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
47
350
476TXK350M
8.466
1
560
16x25
47
400
476TXK400M
8.466
1
740
16x25
47
450
476TXK450M
3.657
1.01
780
18x31.5
68
160
686TXK160M
3.657
0.71
730
12.5x25
68
200
686TXK200M
3.657
0.71
730
12.5x25
68
250
686TXK250M
3.657
0.84
730
16x25
68
350
686TXK350M
5.851
0.78
740
16x31.5
68
400
686TXK400M
5.851
0.78
990
16x31.5
68
450
686TXK450M
5.851
0.78
990
18x35.5
100
160
107TXK160M
2.487
0.59
890
16x25
100
200
107TXK200M
2.487
0.59
890
16x25
100
250
107TXK250M
2.487
0.7
980
16x31.5
100
350
107TXK350M
3.979
0.65
1010
18x35.5
100
400
107TXK400M
3.979
0.65
1350
18x35.5
150
160
157TXK160M
1.658
0.41
1210
16x31.5
150
200
157TXK200M
1.658
0.41
1210
16x31.5
150
250
157TXK250M
1.658
0.49
1290
18x31.5
220
160
227TXK160M
1.13
0.31
1460
16x31.5
220
200
227TXK200M
1.13
0.31
1640
18x35.5
220
250
227TXK250M
1.13
0.36
1730
18x40
330
160
337TXK160M
0.754
0.25
2010
18x35.5


Similar Part No. - 157TXK200M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157TXK200M ILLINOISCAPACITOR-157TXK200M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
157TXK200M ILLINOISCAPACITOR-157TXK200M Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
157TXK200M ILLINOISCAPACITOR-157TXK200M Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
157TXK200M ILLINOISCAPACITOR-157TXK200M Datasheet
104Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 157TXK200M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KBM050M ILLINOISCAPACITOR-474KBM050M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com