Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

336PBM010M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 336PBM010M
Description  85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

336PBM010M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  336PBM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 336PBM010M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PBM
+85°C, 7mm Height Bi-Polar
1000 hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
0.47
50
474PBM050M
423.284
5
4x7
0.68
50
684PBM050M
292.564
6
4x7
1
50
105PBM050M
198.944
9
4x7
1.5
50
155PBM050M
132.629
10
4x7
2.2
50
225PBM050M
90.429
13
4x7
3.3
50
335PBM050M
60.286
18
4x7
4.7
35
475PBM035M
49.383
20
4x7
4.7
50
475PBM050M
42.328
25
5x7
6.8
16
685PBM016M
39.01
15
4x7
6.8
35
685PBM035M
34.133
22
5x7
6.8
50
685PBM050M
29.256
29
6.3x7
10
16
106PBM016M
26.526
27
4x7
10
35
106PBM035M
23.21
33
5x7
10
50
106PBM050M
1.989
44
8x7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
15
16
156PBM016M
17.684
29
5x7
15
35
156PBM035M
15.473
40
6.3x7
22
16
226PBM016M
12.057
47
5x7
22
25
226PBM025M
12.057
51
6.3x7
22
50
226PBM050M
9.043
65
8x7
33
10
336PBM010M
10.0477
50
5x7
33
16
336PBM016M
8.038
60
6.3x7
33
35
336PBM035M
7.033
80
8x7
47
10
476PBM010M
7.055
64
6.3x7
47
25
476PBM025M
5.644
85
8x7
68
6.3
686PBM6R3M
5.851
40
6.3x7
100
6.3
107PBM6R3M
3.979
50
6.3x7
100
16
107PBM016M
2.653
120
8x7


Similar Part No. - 336PBM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
336PBM010M ILLINOISCAPACITOR-336PBM010M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
336PBM010M ILLINOISCAPACITOR-336PBM010M Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
336PBM010M ILLINOISCAPACITOR-336PBM010M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 336PBM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475PUM050M ILLINOISCAPACITOR-475PUM050M_13 Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com