Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27403SQX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM27403SQX
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403SQX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27403SQX Datasheet HTML 6Page - Texas Instruments LM27403SQX Datasheet HTML 7Page - Texas Instruments LM27403SQX Datasheet HTML 8Page - Texas Instruments LM27403SQX Datasheet HTML 9Page - Texas Instruments LM27403SQX Datasheet HTML 10Page - Texas Instruments LM27403SQX Datasheet HTML 11Page - Texas Instruments LM27403SQX Datasheet HTML 12Page - Texas Instruments LM27403SQX Datasheet HTML 13Page - Texas Instruments LM27403SQX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C011
7
8
9
10
11
12
13
14
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C012
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C009
4.5
4.55
4.6
4.65
4.7
4.75
4.8
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C010
0
10
20
30
40
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C007
280
290
300
310
320
330
340
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C008
LM27403
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise stated, all datasheet curves were recorded using the circuit and powertrain designated Design 1 in the
DESIGN EXAMPLES section with input and output voltages of 12 V and 1.2 V, respectively.
Figure 8. Shutdown Quiescent Current vs. Temperature
Figure 9. Switching Frequency vs. Temperature
Figure 10. Deadtime vs. Temperature
Figure 11. VDD Voltage vs. Temperature
Figure 12. OTP Current vs. Temperature
Figure 13. CS– Current vs. Temperature
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM27403


Similar Part No. - LM27403SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27403SQX/NOPB TI1-LM27403SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
More results

Similar Description - LM27403SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27403 TI1-LM27403 Datasheet
1Mb / 49P
[Old version datasheet]   Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection
LM27403 TI-LM27403_15 Datasheet
1Mb / 54P
[Old version datasheet]   LM27403 Synchronous Buck Controller With Temperature-Compensated, Inductor-DCRBased Overcurrent Protection and Programmable Thermal Shutdown
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
SMSC Corporation
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com