Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638QDREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5638QDREP
Description  Controlled Baseline One Assembly/Test Site, One Fabrication Site
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5638QDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5638QDREP Datasheet HTML 2Page - Texas Instruments TLV5638QDREP Datasheet HTML 3Page - Texas Instruments TLV5638QDREP Datasheet HTML 4Page - Texas Instruments TLV5638QDREP Datasheet HTML 5Page - Texas Instruments TLV5638QDREP Datasheet HTML 6Page - Texas Instruments TLV5638QDREP Datasheet HTML 7Page - Texas Instruments TLV5638QDREP Datasheet HTML 8Page - Texas Instruments TLV5638QDREP Datasheet HTML 9Page - Texas Instruments TLV5638QDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLV5638EP
2.7V TO 5.5V LOW POWER DUAL 12BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SGLS130B − JULY 2002 − REVISED DECEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
(continued)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF,
Fast
1
3
s
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF,
See Note 11
Slow
3.5
7
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF,
Fast
0.5
1.5
s
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF,
See Note 12
Slow
1
2
µs
SR
Slew rate
RL = 10 kΩ,CL = 100 pF,
Fast
12
V/ s
SR
Slew rate
RL = 10 kΩ,CL = 100 pF,
See Note 13
Slow
1.8
V/
µs
Glitch energy
DIN = 0 to 1,
FCLK = 100 kHz,
CS = VDD
5
nV−s
SNR
Signal-to-noise ratio
69
74
S/(N+D)
Signal-to-noise + distortion
fs = 480 kSPS, fout = 1 kHz,
58
67
dB
THD
Total harmonic distortion
fs = 480 kSPS, fout = 1 kHz,
RL = 10 kΩ,CL = 100 pF
−69
−57
dB
Spurious free dynamic range
RL = 10 k ,CL = 100 pF
57
72
NOTES: 12. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0xFDF and 0xFDF to 0x020 respectively. Not tested, assured by design.
13. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Not tested, assured by design.
14. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS−CK)
Setup time, CS low before first negative SCLK edge
10
ns
tsu(C16-CS)
Setup time, 16th negative SCLK edge (when D0 is sampled) before CS rising edge
10
ns
twH
SCLK pulse width high
25
ns
twL
SCLK pulse width low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
10
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns


Similar Part No. - TLV5638QDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5638QDREP TI1-TLV5638QDREP Datasheet
861Kb / 21P
[Old version datasheet]   2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5638QDREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WM INTERSIL-ISL22346WM Datasheet
101Kb / 3P
   Controlled Baseline with One Wafer Fabrication Site and
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
   Test Site Transfer
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
   One PCI-Express x8 XMC site
logo
Molex Electronics Ltd.
130111-0036 MOLEX11-130111-0036 Datasheet
31Kb / 1P
   LITE-A-SITE Guy Wire Assembly
1301110037 MOLEX11-1301110037 Datasheet
60Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
130111-0037 MOLEX11-130111-0037 Datasheet
31Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Molex Electronics Ltd.
1301110036 MOLEX11-1301110036 Datasheet
43Kb / 1P
   LITE-A-SITE Guy Wire Assembly
logo
Synaptics Incorporated.
CX93040 CONEXANT-CX93040 Datasheet
683Kb / 2P
   Remote Site Management
logo
MRV Communications, Inc...
LX-4108T-010AC MRV-LX-4108T-010AC Datasheet
153Kb / 2P
   4108 Remote Site Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com