Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2546 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2546
Description  USB Charging Port Controller and Power Switch with Load Detection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2546 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2546 Datasheet HTML 1Page - Texas Instruments TPS2546 Datasheet HTML 2Page - Texas Instruments TPS2546 Datasheet HTML 3Page - Texas Instruments TPS2546 Datasheet HTML 4Page - Texas Instruments TPS2546 Datasheet HTML 5Page - Texas Instruments TPS2546 Datasheet HTML 6Page - Texas Instruments TPS2546 Datasheet HTML 7Page - Texas Instruments TPS2546 Datasheet HTML 8Page - Texas Instruments TPS2546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS2546
www.ti.com
SLVSBJ2A – FEBRUARY 2013 – REVISED FEBRUARY 2013
RECOMMENDED OPERATING CONDITIONS
voltages are referenced to GND (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
Input voltage, logic-level inputs, EN, CTL1, CTL2, CTL3, ILIM_SEL
0
5.5
V
Input voltage, data line inputs, DP_IN, DM_IN, DP_OUT, DM_OUT
0
VIN
V
VIH
High-level input voltage, EN, CTL1, CTL2, CTL3, ILIM_SEL
1.8
V
VIL
Low-level input voltage, EN, CTL1, CTL2, CTL3, ILIM_SEL
0.8
V
Continuous current, data line inputs, SDP or CDP mode, DP_IN to DP_OUT, DM_IN to
±30
mA
DM_OUT
Continuous current, data line inputs, BC1.2 DCP mode, DP_IN to DM_IN
±15
mA
IOUT
Continuous output current, OUT
0
2.5
A
Continuous output sink current, FAULT, STATUS
0
10
mA
RILIM_XX
Current-limit set resistors
16.9
750
k
Ω
TJ
Operating virtual junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
Unless otherwise noted: –40
≤ TJ ≤ 125°C, 4.5V ≤ VIN ≤ 5.5 V, VEN = VIN, VILIM_SEL = VIN, VCTL1 = VCTL2 = VCTL3 = VIN. RFAULT =
RSTATUS = 10 kΩ, RILIM_HI = 20 kΩ, RILIM_LO = 80.6 kΩ. Positive currents are into pins. Typical values are at 25°C. All voltages
are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
POWER SWITCH
TJ = 25°C, IOUT = 2 A
73
84
RDS(on)
On resistance(1)
–40°C
≤ TJ ≤ 85°C, IOUT = 2 A
73
105
m
Ω
–40°C
≤ TJ ≤ 125°C, IOUT = 2 A
73
120
tr
OUT voltage rise time
0.7
1.0
1.60
VIN = 5 V, CL = 1 µF, RL = 100 Ω (see Figure 23 and
ms
Figure 24)
tf
OUT voltage fall time
0.2
0.35
0.5
ton
OUT voltage turn-on time
2.7
4
VIN = 5V, CL = 1 µF, RL = 100 Ω (see Figure 23 and
ms
Figure 25)
toff
OUT voltage turn-off time
1.7
3
VOUT = 5.5 V, VIN = VEN = 0 V, –40 ≤ TJ ≤ 85°C,
IREV
Reverse leakage current
2
µA
Measure IOUT
DISCHARGE
RDCHG
OUT discharge resistance
VOUT = 4 V, VEN = 0 V
400
500
630
Ω
tDCHG
OUT discharge hold time
Time VOUT < 0.7 V (see Figure 26)
1.30
2.0
2.9
s
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; Thermal effects must be taken into account
separately.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2546


Similar Part No. - TPS2546

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546 TI1-TPS2546 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2546QRTERQ1 TI1-TPS2546QRTERQ1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
More results

Similar Description - TPS2546

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com