Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53318DQPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53318DQPR
Description  High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53318DQPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53318DQPR Datasheet HTML 5Page - Texas Instruments TPS53318DQPR Datasheet HTML 6Page - Texas Instruments TPS53318DQPR Datasheet HTML 7Page - Texas Instruments TPS53318DQPR Datasheet HTML 8Page - Texas Instruments TPS53318DQPR Datasheet HTML 9Page - Texas Instruments TPS53318DQPR Datasheet HTML 10Page - Texas Instruments TPS53318DQPR Datasheet HTML 11Page - Texas Instruments TPS53318DQPR Datasheet HTML 12Page - Texas Instruments TPS53318DQPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
4
8
12
16
20
24
Input Voltage (V)
FCCM, IOUT = 0 A
Skip Mode, IOUT = 0 A
FCCM and Skip Mode, IOUT = 14 A
fSW = 500 kHz
VIN = 12 V
G000
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10 15
Output Current (A)
Skip Mode, fSW = 500 kHz
FCCM, fSW = 500 kHz
Skip Mode, fSW = 300 kHz
FCCM, fSW = 300 kHz
TPS53319
VIN = 12 V
VOUT = 1.2 V
G001
0
200
400
600
800
1000
1200
0
1
2
3
4
5
6
Output Voltage (V)
fSET = 300 kHz
fSET = 500 kHz
fSET = 750 kHz
fSET = 1 MHz
VIN = 12 V
IOUT = 5 A
G000
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
0
3
6
9
12
15
Output Current (A)
Skip Mode
FCCM
TPS53319
fSW = 500 kHz
VIN = 12 V
VOUT = 1.2 V
G001
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.2 V
fSW = 750 kHz
G001
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.2 V
fSW = 1 MHz
G001
TPS53318, TPS53319
www.ti.com
SLUSAY8B – JUNE 2012 – REVISED MAY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 9. Switching Frequency vs. Output Current
Figure 10. Switching Frequency vs. Output Current
Figure 11. Switching Frequency vs. Output Voltage
Figure 12. Output Voltage vs. Output Current
Figure 13. Output Voltage vs. Input Voltage
Figure 14. Efficiency vs Output Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS53318 TPS53319


Similar Part No. - TPS53318DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
More results

Similar Description - TPS53318DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
TLV62585_018 TI1-TLV62585_018 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com